전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • PLL502-38OC-R

  • AI
    The **PLL502-38OC-R** is a high-performance, low-phase noise Phase-Locked Loop (PLL) clock multiplier integrated circuit, typically used for generating high-frequency differential outputs from low-frequency crystal or reference inputs. --- ### 1. Key Technical Specifications The following table summarizes the primary electrical characteristics of the device: | Parameter | Specification | | :--- | :--- | | **Manufacturer** | Microchip Technology (formerly PhaseLink) | | **Output Type** | LVPECL (Low-Voltage Positive Emitter-Coupled Logic) | | **Input Frequency** | 10MHz to 27MHz (Crystal or Reference) | | **Output Frequency** | Up to 800MHz (Based on Multiplier Settings) | | **Supply Voltage (VDD)** | 3.3V (±10%) | | **Package Type** | TSSOP-16 | | **Operating Temperature** | 0°C to 70°C (Commercial Grade) | --- ### 2. Core Functional Blocks To understand how the electronic part functions, it is broken down into these internal components: 1. **Crystal Oscillator Interface:** Designed to interface directly with a fundamental mode crystal. It includes internal loading capacitors to simplify the PCB design. 2. **Phase Frequency Detector (PFD):** Compares the reference input frequency with the feedback signal from the internal divider. 3. **Charge Pump and Loop Filter:** Converts the phase error into a control voltage to drive the internal VCO. 4. **Voltage Controlled Oscillator (VCO):** A high-speed internal oscillator that generates the output frequency based on the control voltage. 5. **LVPECL Output Driver:** Provides a high-speed differential signal with low jitter, suitable for driving transmission lines in telecommunications and networking equipment. --- ### 3. Pin Configuration Overview The TSSOP-16 package utilizes specific pins for frequency selection and power: | Pin Name | Description | | :--- | :--- | | **XIN / XOUT** | Crystal connection pins or Reference Clock input. | | **S0, S1** | Frequency Selection pins (logic high/low determines the multiplication factor). | | **OUTP / OUTN** | Differential LVPECL output pair. | | **VDD / VSS** | Positive power supply and Ground. | | **OE** | Output Enable; allows the user to disable the output for power saving. | --- ### 4. Common Applications * **Networking:** Used in Gigabit Ethernet and Fibre Channel switches. * **Telecommunications:** SONET/SDH clock generation. * **Computing:** High-speed server backplanes and storage area networks. * **Instrumentation:** Low-jitter clocking for high-speed ADCs/DACs. ---
    ✨ Follow-up Questions
    • ⤷ What are the specific multiplication factors available via the S0 and S1 pins?
    • ⤷ How does LVPECL termination differ from LVDS termination for this part?
    • ⤷ What is the typical RMS phase jitter for the PLL502-38OC-R?