전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • PLL601-02OC-R

  • AI
    ## Overview of the PLL601-02OC-R The **PLL601-02OC-R** is a high-performance clock generator integrated circuit (IC) primarily designed for low-power, high-frequency clock distribution applications. It belongs to the Phase-Locked Loop (PLL) family of components produced by Microchip Technology (formerly PhaseLink). --- ### Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Type** | PLL Clock Multiplier / Buffer | | **Output Frequency** | Up to 160 MHz | | **Input Frequency** | 10 MHz to 27 MHz (Crystal or Reference) | | **Output Type** | CMOS / TTL | | **Operating Voltage** | 3.3V (±10%) | | **Operating Temperature** | 0°C to 70°C (Commercial) | | **Package Type** | SOIC-8 (Small Outline Integrated Circuit) | --- ### Core Electronic Components & Functions The internal architecture of the PLL601-02OC-R consists of several critical stages that manage timing and signal integrity: 1. **Phase-Frequency Detector (PFD):** Compares the phase of the input reference signal with the feedback signal from the internal oscillator. 2. **Charge Pump & Low Pass Filter (LPF):** Converts the phase difference into a control voltage to adjust the frequency. 3. **Voltage-Controlled Oscillator (VCO):** Generates the high-frequency output based on the control voltage. 4. **Frequency Dividers:** Internal scalers that allow the chip to multiply the input frequency (e.g., taking a 27MHz crystal and outputting 54MHz or 108MHz). --- ### Pin Configuration (SOIC-8) | Pin Number | Name | Description | | :--- | :--- | :--- | | 1 | XIN | Crystal Input or Reference Clock | | 2 | XOUT | Crystal Output (Leave floating if using Ref Clock) | | 3 | VDD | Power Supply (3.3V) | | 4 | GND | Ground | | 5 | CLK | Clock Output | | 6 | S0 | Selection Control Bit 0 | | 7 | S1 | Selection Control Bit 1 | | 8 | OE | Output Enable (High = Active, Low = High-Z) | --- ### Applications The PLL601-02OC-R is commonly used in hardware environments where stable, low-jitter timing is required: * **Networking Hardware:** Routers, switches, and modems. * **Consumer Electronics:** Digital TVs, STBs (Set-Top Boxes), and DVD players. * **Computer Peripherals:** Printers and storage devices requiring specific clock multipliers. --- ### Implementation Example When integrating this part into a circuit, the input crystal is usually connected between pins 1 and 2 with appropriate load capacitors ($C_L$). ```c // Logic Table for S0/S1 Selection (Conceptual) // S1 S0 | Multiplier Ratio // 0 0 | Input x 1 // 0 1 | Input x 2 // 1 0 | Input x 4 // 1 1 | Input x 8 (Specific to model variants) ```
    ✨ Follow-up Questions
    • ⤷ What is the maximum output jitter specification for this IC?
    • ⤷ How do the S0 and S1 pins affect the output frequency specifically for the PLL601-02?
    • ⤷ Can this part be used in automotive temperature range environments?