전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • PLL601-02SC-R

  • AI
    The **PLL601-02SC-R** is a high-performance, low-power Clock Multiplier integrated circuit designed by Microchip Technology (formerly PhaseLink). It is primarily used to generate a high-frequency output clock from a lower-frequency crystal or reference clock input. --- ## 1. Key Technical Specifications | Parameter | Specification | |:---|:---| | **Function** | Clock Multiplier / Jitter Attenuator | | **Input Frequency Range** | 10MHz to 27MHz | | **Output Frequency Range** | Up to 54MHz (Multiplication factor of 2x) | | **Supply Voltage (VDD)** | 2.25V to 3.63V | | **Package Type** | SOIC-8 (Small Outline Integrated Circuit) | | **Operating Temperature** | 0°C to 70°C (Commercial Grade) | | **Output Type** | CMOS | --- ## 2. Pin Configuration (SOIC-8) The device features a simple 8-pin layout to minimize board space: 1. **XIN**: Crystal input or reference clock input. 2. **VDD**: Power supply. 3. **GND**: Ground. 4. **XOUT**: Crystal oscillator output (leave floating if using external REF clock). 5. **CLKOUT**: The multiplied output clock signal. 6. **OE**: Output Enable (High = Active; Low = High Impedance). 7. **S0**: Selection bit for multiplication ratio. 8. **S1**: Selection bit for multiplication ratio. --- ## 3. Internal Components & Mechanism The "PLL" in the name stands for **Phase-Locked Loop**, which is the core architecture of this chip. It consists of three main electronic stages: ### A. Phase Detector (PD) Compares the phase of the input reference clock with the feedback signal from the internal oscillator to ensure they stay synchronized. ### B. Voltage Controlled Oscillator (VCO) An internal oscillator that generates the high-frequency signal. Its frequency is adjusted based on the error signal provided by the Phase Detector. ### C. Loop Filter A low-pass filter that smooths out the control voltage for the VCO, which directly impacts the "jitter" (timing stability) of the output clock. --- ## 4. Part Number Breakdown: `PLL601-02SC-R` * **PLL601-02**: The specific series and device configuration (2x multiplier). * **S**: SOIC Package. * **C**: Commercial Temperature range (0°C to +70°C). * **-R**: Tape and Reel packaging (indicates the part is supplied on a reel for automated assembly). --- ## 5. Typical Applications * **Networking**: Providing stable clocks for Ethernet or routers. * **Consumer Electronics**: Set-top boxes and digital media players. * **Embedded Systems**: Providing a 54MHz system clock from a standard 27MHz crystal.
    ✨ Follow-up Questions
    • ⤷ What are the specific multiplication settings for the S0 and S1 pins?
    • ⤷ How does the jitter performance of the PLL601-02 compare to standard oscillators?
    • ⤷ What is the power consumption of this IC at 3.3V?