전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • PLL601-22XCL-R

  • AI
    ### Overview of PLL601-22XCL-R The **PLL601-22XCL-R** is a high-performance **Clock Generator IC** belonging to the Phase-Locked Loop (PLL) family, originally developed by PhaseLink (acquired by Micrel, now part of Microchip Technology). It is specifically designed for high-resolution frequency synthesis in consumer electronics and communication systems. --- ### Technical Specifications | Parameter | Description | | :--- | :--- | | **Part Number** | PLL601-22XCL-R | | **Function** | VCXO (Voltage Controlled Crystal Oscillator) with PLL | | **Output Type** | CMOS / TTL | | **Frequency Range** | 1.0 MHz to 54 MHz (Typical) | | **Supply Voltage (Vdd)** | 2.5V to 3.3V | | **Package Type** | SOT23-6L (6-pin Small Outline Transistor) | | **Operating Temp** | -40°C to +85°C (Industrial Grade) | | **Mounting Type** | Surface Mount (SMD) | --- ### Key Internal Components & Features 1. **Phase-Locked Loop (PLL):** * The core of the chip. It takes a reference frequency (usually from an external crystal) and locks onto it to provide a stable, multiplied, or divided output frequency. 2. **Voltage Controlled Crystal Oscillator (VCXO):** * The "V" in VCXO indicates that the output frequency can be slightly adjusted or "pulled" by an external control voltage. This is critical for synchronization tasks. 3. **Low Jitter Architecture:** * Engineered to minimize "phase noise" or jitter, ensuring that digital signals remain timed accurately, which is essential for high-speed data transmission. 4. **Frequency Multiplier:** * It can generate high-frequency clock signals (up to 54MHz) from a much lower-cost, lower-frequency input crystal. --- ### Application Use Cases * **Set-Top Boxes & DTV:** Used to synchronize audio/video clock signals. * **Networking:** Providing stable clocking for Ethernet or DSL modems. * **Reference Clocks:** Acting as a master clock for microprocessors and DSPs (Digital Signal Processors). * **Instrumentation:** Precision timing in measurement devices. --- ### Pin Configuration (SOT23-6L) The device typically utilizes a 6-pin layout to maximize space efficiency: | Pin Number | Name | Function | | :--- | :--- | :--- | | 1 | **VC** | Voltage Control input (for frequency pulling) | | 2 | **GND** | Ground | | 3 | **XIN** | Crystal Input | | 4 | **XOUT** | Crystal Output | | 5 | **VDD** | Power Supply (2.5V - 3.3V) | | 6 | **CLKOUT** | Buffered Clock Output | --- ### Comparison: PLL601 vs. Standard Oscillators Standard oscillators provide a fixed frequency. The **PLL601-22XCL-R** offers **flexibility**: * **Tunability:** The VCXO pin allows for fine-tuning via analog voltage. * **Space Saving:** The SOT23 package is extremely small compared to traditional canned oscillators. * **Cost:** Uses cheaper, low-frequency crystals to generate higher frequencies.
    ✨ Follow-up Questions
    • ⤷What is the difference between a standard PLL and a VCXO-based PLL?
    • ⤷ How do I calculate the external crystal requirements for this IC?
    • ⤷ What are the specific jitter specifications for the PLL601 series?