PLL602-38OCL-R
AI

## Electronic Analysis of the PLL602-38OCL-R
The **PLL602-38OCL-R** is a high-performance, low-phase-noise Phase Locked Loop (PLL) clock generator integrated circuit (IC) manufactured by **Microchip Technology** (originally part of the PhaseLink/Micrel line). It is specifically designed for high-speed networking and storage applications.
---
### 1. Key Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Output Type** | LVDS (Low-Voltage Differential Signaling) |
| **Input Frequency** | 25 MHz (Crystal or Clock) |
| **Output Frequency** | 625 MHz |
| **Operating Voltage** | 2.5V or 3.3V (±10%) |
| **Package Type** | SOT-23 (6-Pin) |
| **Operating Temperature** | 0°C to +70°C (Commercial) |
| **Jitter (RMS)** | < 1 ps (Integrated 12 kHz to 20 MHz) |
---
### 2. Functional Components
The "Electronic Parts" within this IC consist of several integrated stages that work together to synthesize a high-frequency clock from a low-frequency source:
1. **Crystal Oscillator Interface:** Built-in circuitry to support an external 25 MHz fundamental crystal or a reference clock input.
2. **Phase Locked Loop (PLL):** The core engine that multiplies the 25 MHz input. It consists of a Phase Frequency Detector (PFD), a Low Pass Filter (LPF), and a Voltage Controlled Oscillator (VCO).
3. **Frequency Multiplier:** Specifically tuned to provide a **25x multiplication** factor (25 MHz x 25 = 625 MHz).
4. **Differential Output Driver (LVDS):** Converts the internal high-frequency signal into a differential LVDS output. LVDS is used to minimize electromagnetic interference (EMI) and ensure signal integrity over high-speed PCB traces.
---
### 3. Pin Configuration (SOT-23-6)
| Pin # | Symbol | Description |
| :--- | :--- | :--- |
| 1 | XIN / CLK | Crystal input or reference clock input. |
| 2 | VSS | Ground connection. |
| 3 | XOUT | Crystal output (Leave floating if using external clock). |
| 4 | OUT+ | Positive LVDS output. |
| 5 | OUT- | Negative LVDS output. |
| 6 | VDD | Power supply (2.5V or 3.3V). |
---
### 4. Circuit Design Considerations
* **Decoupling:** A 0.01µF or 0.1µF ceramic capacitor should be placed as close as possible to the **VDD** pin to filter high-frequency noise.
* **Termination:** As an LVDS device, it requires a **100Ω differential termination** resistor at the receiver end of the transmission line to prevent signal reflections.
* **Crystal Selection:** Use a fundamental mode crystal with a load capacitance (CL) that matches the IC specifications (typically 18pF) for optimal frequency accuracy.
---
### 5. Common Applications
* **Gigabit Ethernet:** Specifically for 10GbE and higher networking standards.
* **Fibre Channel:** Storage area networks.
* **SONET/SDH:** Optical telecommunications equipment.
* **High-speed ADCs/DACs:** Acting as a low-jitter sampling clock.
---
- ⤷
What is the significance of the '-R' suffix in this part number?
- ⤷ How does the phase noise of this IC compare to standard crystal oscillators?
- ⤷ Can this IC be used with a 1.8V power supply?