PLL602-39OC-R
AI

The **PLL602-39OC-R** is a high-performance, low-phase-noise Frequency Multiplier IC developed by PhaseLink (now part of Microchip Technology). It is specifically designed to work with high-frequency crystals to produce a clean LVPECL output.
---
## 1. Technical Specifications
The following table summarizes the core electrical characteristics of the device:
| Feature | Specification |
| :--- | :--- |
| **Output Type** | Differential LVPECL |
| **Input Frequency Range** | 17MHz to 33.3MHz (Crystal or Reference) |
| **Output Frequency Range** | 68MHz to 133.3MHz (4x Multiplier) |
| **Operating Voltage** | 2.5V or 3.3V (±10%) |
| **Phase Jitter** | < 0.5ps RMS (12kHz to 20MHz) |
| **Operating Temperature** | 0°C to 70°C (Commercial Grade) |
| **Package** | TSSOP-8L or SOIC-8L |
---
## 2. Key Components & Architecture
The IC functions as a specialized Phase-Locked Loop (PLL). Below are the primary internal electronic sections:
### A. Reference Input Section
The device contains an on-chip oscillator circuit. You can connect a fundamental mode parallel resonant crystal across the `XIN` and `XOUT` pins. Alternatively, it can accept a standard CMOS reference clock.
### B. Phase-Locked Loop (PLL)
* **Phase Frequency Detector (PFD):** Compares the input frequency with the feedback signal.
* **Voltage Controlled Oscillator (VCO):** Operates at high frequencies to ensure low jitter.
* **Multiplier:** Specifically tuned for a **4x multiplication factor** (e.g., a 25MHz crystal produces a 100MHz output).
### C. Output Driver (LVPECL)
The output stage is a **Low-Voltage Positive Emitter-Coupled Logic (LVPECL)** driver.
* It provides differential outputs (`OUTP` and `OUTN`).
* LVPECL is preferred in high-speed systems (like Ethernet or Fiber Channel) because of its excellent noise immunity and high-speed switching capabilities.
---
## 3. Pin Configuration
| Pin Number | Pin Name | Description |
| :--- | :--- | :--- |
| 1 | XIN | Crystal Input or Reference Clock |
| 2 | XOUT | Crystal Output (Leave floating if using Ref Clock) |
| 3 | VDD | Power Supply (2.5V / 3.3V) |
| 4 | VSS | Ground |
| 5 | OUTP | Positive LVPECL Output |
| 6 | OUTN | Negative LVPECL Output |
| 7 | OE | Output Enable (Active High) |
| 8 | NC/FIN | No Connect or Factory Test Pin |
---
## 4. Application Circuit Considerations
When designing with the PLL602-39OC-R, keep the following electronic principles in mind:
1. **Termination:** LVPECL outputs require proper termination (typically 50Ω to $V_{DD} - 2V$) to ensure signal integrity and prevent reflections.
2. **Decoupling:** Place a 0.01µF and a 0.1µF ceramic capacitor as close to the `VDD` pin as possible to filter power supply noise, which directly impacts jitter performance.
3. **Crystal Selection:** Use a crystal with a load capacitance ($C_L$) matching the IC’s specifications (usually 18pF) to ensure frequency accuracy.
- ⤷
What are the specific termination schemes recommended for the LVPECL outputs of the PLL602?
- ⤷ How does the phase jitter of this IC compare to standard CMOS oscillators?
- ⤷ Can the PLL602-39OC-R be used with a 5V power supply?