전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • PLL602-39QCL-R

  • AI
    The **PLL602-39QCL-R** is a high-performance, low-power Clock Generator Integrated Circuit (IC) specifically designed for high-frequency signal synthesis. It is commonly used in networking and storage applications where low jitter is critical. --- ## 1. Core Technical Specifications The following table summarizes the primary electrical and physical characteristics of the device: | Feature | Specification | | :--- | :--- | | **Manufacturer** | Microchip Technology (formerly PhaseLink) | | **Type** | VCXO (Voltage Controlled Crystal Oscillator) / Clock Generator | | **Output Type** | PECL (Positive Emitter-Coupled Logic) | | **Operating Voltage** | 3.3V (Typical) | | **Frequency Range** | 10MHz to 800MHz (depending on configuration) | | **Package Type** | QFN-16 (3x3 mm) | | **Operating Temp** | -40°C to +85°C (Industrial Grade) | | **RoHS Status** | Compliant (Lead-Free) | --- ## 2. Key Electronic Components & Internal Blocks The internal architecture of the PLL602-39QCL-R consists of several critical stages that manage the clock signal: ### A. Phase-Locked Loop (PLL) The heart of the IC is the PLL, which synthesizes a high-frequency output from a lower-frequency reference input (typically a crystal). It ensures that the output frequency remains stable and synchronized. ### B. Voltage Controlled Oscillator (VCO) The VCO generates the actual oscillating signal. In this specific model, the VCO is tuned for low phase noise and high stability, which are essential for high-speed data transmission. ### C. Differential PECL Output The "QC" in the part number signifies **PECL outputs**. This is a differential signaling standard that: * Reduces electromagnetic interference (EMI). * Provides high-speed switching capabilities. * Ensures signal integrity over longer PCB traces compared to standard CMOS. ### D. Multiplier and Divider Logic The IC contains programmable or fixed dividers that allow the user to scale the base frequency to the desired target output (e.g., 622.08 MHz for SONET/SDH applications). --- ## 3. Pin Configuration Overview (QFN-16) The device utilizes a 16-pin Quad Flat No-lead (QFN) package to minimize parasitic inductance. ```markdown 1. VDD - Power Supply 2. XIN - Crystal Input 3. XOUT - Crystal Output 4. GND - Ground 5. FSEL - Frequency Select Pins 6. CLK_OUT+ - Differential PECL Output (Positive) 7. CLK_OUT- - Differential PECL Output (Negative) ... (Additional pins for tuning and compensation) ``` --- ## 4. Typical Application Use Cases Due to its high precision, the **PLL602-39QCL-R** is typically found in: 1. **Fiber Channel Switches:** Providing the timing reference for optical data. 2. **Gigabit Ethernet:** Generating the system clocks for network interface cards (NICs). 3. **SONET/SDH Equipment:** Handling high-speed telecommunication protocols. 4. **Storage Area Networks (SAN):** Synchronizing data flow between servers and storage arrays.
    ✨ Follow-up Questions
    • ⤷ What is the difference between PECL and LVDS outputs in clock generators?
    • ⤷ How do I calculate the external crystal requirements for this PLL?
    • ⤷ What are the recommended decoupling capacitor values for the VDD pin?