전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • PLL620-06QCL-R

  • AI
    The **PLL620-06QCL-R** is a high-performance, low-phase-noise Phase Locked Loop (PLL) frequency multiplier integrated circuit, typically used in high-speed networking and communications equipment. It is manufactured by Microchip Technology (originally Micrel). --- ## 1. Core Specifications The following table summarizes the primary electrical and physical characteristics of the component: | Parameter | Specification | | :--- | :--- | | **Part Number** | PLL620-06QCL-R | | **Manufacturer** | Microchip Technology (Micrel) | | **Type** | Clock Multiplier / Jitter Attenuator | | **Input Frequency** | 10 MHz to 30 MHz | | **Output Frequency** | Up to 800 MHz | | **Output Type** | PECL (Positive Emitter Coupled Logic) | | **Supply Voltage (VDD)** | 2.375V to 3.63V | | **Package Type** | QFN-16 (3x3 mm) | | **Operating Temp** | -40°C to +85°C (Industrial) | --- ## 2. Key Electronic Features The PLL620-06 is designed for applications where signal integrity and low timing jitter are critical. ### A. Frequency Multiplication It acts as a frequency synthesizer that takes a low-frequency crystal or clock input and multiplies it to a high-speed output. It utilizes an internal **Voltage Controlled Oscillator (VCO)** to achieve high-frequency stability. ### B. PECL Outputs The "QCL" suffix indicates a **Differential PECL** output. - PECL is preferred in high-speed systems because it offers high speed and excellent noise immunity. - It requires specific termination (usually 50 ohms to $V_{DD} - 2V$). ### C. Low Jitter Performance The device is optimized for sub-picosecond jitter performance. This is essential for: - Fiber channel communications. - Gigabit Ethernet. - SONET/SDH equipment. --- ## 3. Pin Configuration & Functionality The QFN-16 package layout generally follows this functional logic: | Pin Group | Function | Description | | :--- | :--- | :--- | | **XIN / XOUT** | Crystal Inputs | Connects to a fundamental mode crystal. | | **VDD / VSS** | Power / Ground | Power supply pins for the analog and digital sections. | | **OUT / /OUT** | Differential Output | The high-speed PECL clock signals. | | **OE** | Output Enable | Logic input to enable or disable the clock outputs. | | **FIN** | Frequency Select | Optional pins to define multiplication ratios (model dependent). | --- ## 4. Application Circuit Considerations When designing with the PLL620-06QCL-R, engineers must consider the following: 1. **Decoupling:** Place 0.1µF and 0.01µF capacitors as close to the $V_{DD}$ pins as possible to filter power supply noise. 2. **Crystal Selection:** Ensure the crystal matches the specified load capacitance ($C_L$) of the IC to prevent frequency offset. 3. **Termination:** Since the output is PECL, ensure the PCB trace impedance is matched (typically 50Ω single-ended / 100Ω differential) to prevent signal reflections.
    ✨ Follow-up Questions
    • ⤷ What are the specific termination requirements for the PECL outputs on this chip?
    • ⤷ How does the phase noise of the PLL620-06 compare to standard CMOS oscillators?
    • ⤷ Can this IC be used with an external LVDS converter?