전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • PLL620-08OC-R

  • AI
    ## Overview of PLL620-08OC-R The **PLL620-08OC-R** is a low-phase noise, high-performance clock multiplier / Frequency Multiplier IC. It is designed to produce a high-frequency output from a lower-frequency crystal or reference clock input, commonly used in high-speed networking and communication systems. --- ### Technical Specifications | Parameter | Specification | | :--- | :--- | | **Manufacturer** | PhaseLink (Acquired by Micrel / Microchip) | | **Type** | Clock Multiplier / PLL Clock Generator | | **Input Frequency** | 10MHz to 27MHz (Crystal or Reference) | | **Output Frequency** | Up to 54MHz (Multiplied by 2x) | | **Output Logic** | CMOS | | **Voltage Supply** | 3.3V ± 10% | | **Operating Temperature** | 0°C to 70°C (Commercial) | | **Package** | SOIC-8 | --- ### Core Electronic Components & Architecture The internal structure of the PLL620-08OC-R consists of several critical functional blocks: 1. **Crystal Oscillator Circuit:** This block interfaces with an external quartz crystal (connected to XIN and XOUT pins) to generate a stable base frequency. 2. **Phase Locked Loop (PLL):** The heart of the chip. It synchronizes the output frequency to the input reference. It contains: * **Phase Frequency Detector (PFD):** Compares input and feedback signals. * **Charge Pump & Loop Filter:** Converts phase differences into voltage to drive the VCO. 3. **Voltage Controlled Oscillator (VCO):** Generates the high-frequency signal based on the control voltage from the loop filter. 4. **Output Buffer:** A CMOS driver designed to handle parasitic capacitance on the PCB traces while maintaining sharp signal edges. --- ### Pin Configuration (SOIC-8) | Pin Number | Name | Description | | :--- | :--- | :--- | | 1 | XIN | Crystal Input or Reference Clock | | 2 | VDD | Positive Power Supply (3.3V) | | 3 | GND | Ground | | 4 | XOUT | Crystal Output (Leave floating if using Ref Clock) | | 5 | CLK | Clock Output | | 6-8 | NC/Control | No connection or specific configuration pins | --- ### Key Applications * **Networking:** Gigabit Ethernet and Fibre Channel timing. * **Consumer Electronics:** Set-top boxes and digital media players. * **Data Conversion:** Providing clean clock signals for ADCs and DACs to minimize jitter.
    ✨ Follow-up Questions
    • ⤷ What are the phase noise characteristics of the PLL620-08OC-R?
    • ⤷ Can this IC be used with a 5V power supply?
    • ⤷ What is the difference between the -R suffix and the standard version?