전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • PLO10A-RJI

  • AI
    The **PLO10A-RJI** is a high-power, wirewound resistor manufactured by **RCD Components**. It belongs to the PLO series, which is specifically designed for high-power applications where precision and reliability are required in a compact, vertical format. --- ### 1. Key Technical Specifications | Parameter | Value / Specification | | :--- | :--- | | **Series** | PLO (Power Low-Ohmic) | | **Power Rating** | 10 Watts | | **Resistance Value** | Defined by "RJI" (Typically implies low ohmic values) | | **Tolerance** | J = ±5% (Standard for this series) | | **Body Style** | Vertical Mount (Radial-leaded) | | **Housing** | Ceramic Flameproof Case | ### 2. Physical Construction The PLO10A is constructed with specific materials to handle heat dissipation: * **Core:** High-grade ceramic or fiberglass core. * **Winding:** Wirewound element for high stability and surge handling. * **Encapsulation:** The internal element is protected by a fire-retardant, inorganic potting compound inside a rectangular ceramic boat. * **Mounting:** The "A" in the part number usually signifies a specific lead spacing or physical orientation for vertical PCB mounting to save board space. ### 3. Features and Benefits * **High Power-to-Size Ratio:** Its vertical design allows for a 10W power rating while occupying minimal PCB "footprint" area. * **Flameproof Construction:** The ceramic housing ensures that the component will not catch fire even under extreme overload conditions. * **Stability:** Wirewound technology offers excellent temperature coefficients (TCR), meaning the resistance remains stable even as the part heats up. * **Inductance:** Being wirewound, these resistors may have some inherent inductance, though non-inductive versions are often available. ### 4. Common Applications Due to its 10W power rating and low-resistance capabilities, it is frequently used in: * **Current Sensing:** Detecting current flow in power supplies. * **Power Shunts:** Diverting current in industrial circuits. * **Motor Controllers:** Handling the surge and steady-state currents of small to medium motors. * **Voltage Division:** High-power voltage drop applications. ---
    ✨ Follow-up Questions
    • ⤷What is the specific resistance value of the 'RJI' suffix in this part number?
    • ⤷ Are there non-inductive versions of the PLO series available?
    • ⤷ What is the typical operating temperature range for RCD PLO resistors?