전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • PLP-R

  • AI
    The term **PLP-R** in electronics typically refers to a specific series of **Rigid Light Pipes** manufactured by Bivar Inc. These components are essential in human-machine interface (HMI) design for directing light from surface-mount (SMD) LEDs to an external panel. --- ## 1. Component Overview The PLP-R series consists of circular, press-fit light pipes. They act as "optical conduits," allowing designers to place LEDs deep inside a PCB while the visual indicator remains flush with the outer casing of the device. ### Technical Specifications | Feature | Description | | :--- | :--- | | **Material** | Polycarbonate (UL 94V-0 Rated) | | **Shape** | Round/Circular | | **Mounting** | Press-fit into the front panel | | **Lens Styles** | Flat or Domed | | **Transmittance** | High-clarity optical grade | --- ## 2. Key Features of PLP-R Parts * **Light Transmission:** Designed to maximize the brightness of the light source (usually a 0402, 0603, or 0805 SMD LED) with minimal loss. * **Protection:** By separating the PCB from the panel, they provide a level of protection against Electrostatic Discharge (ESD) by keeping the user away from sensitive circuitry. * **Ease of Assembly:** The "R" usually denotes a specific retention feature or circular profile that allows the part to be snapped into a pre-drilled hole without hardware. --- ## 3. Part Numbering Structure Bivar's PLP-R parts follow a specific nomenclature that indicates their physical dimensions: ```text Example: PLP5-R-125 | | | | | | | +-- Length (e.g., 0.125 inches) | | +------- Round Profile | +------------ Diameter/Series (e.g., 5mm) +-------------------- Product Category (Pipe Light Panel) ``` --- ## 4. Common Applications * **Network Switches:** Port activity and status indicators. * **Medical Equipment:** Clean, flush-mounted status lights. * **Industrial Controls:** Rugged indicators for control panels. * **Consumer Electronics:** Power buttons and connectivity status (Wi-Fi/Bluetooth). ---
    ✨ Follow-up Questions
    • ⤷ What are the main differences between rigid and flexible light pipes?
    • ⤷ How do you calculate the optimal distance between the LED and the PLP-R light pipe?
    • ⤷ Are there specific color limitations when using polycarbonate light pipes?