전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • PM1210-R18J

  • AI
    The **PM1210-R18J** is a surface-mount (SMD) wire-wound chip inductor commonly used in radio frequency (RF) and signal filtering circuits. It is manufactured by Bourns. --- ### 1. Key Technical Specifications The part number itself contains most of the technical parameters: | Parameter | Specification | Details | | :--- | :--- | :--- | | **Inductance** | 0.18 µH | Rated at 25.2 MHz | | **Tolerance** | ±5% | Indicated by the "J" suffix | | **Case Size** | 1210 (EIA) | 3.2 x 2.5 x 2.2 mm | | **Rated Current** | 450 mA | Maximum DC current (Idc) | | **DC Resistance** | 0.40 Ω | Maximum resistance (Rdc) | | **SRF** | 350 MHz | Self-Resonant Frequency | | **Q Factor** | 30 | Quality factor (minimum) | --- ### 2. Physical Construction * **Winding:** It features a wire-wound core (typically ceramic or ferrite) which provides higher Q factors and higher current handling compared to multilayer chip inductors. * **Encapsulation:** The coil is molded or coated with an epoxy resin to protect the windings from environmental factors and to provide a flat top surface for automated "pick and place" assembly. * **Terminations:** Features lead-free, solder-plated terminations compatible with reflow soldering. --- ### 3. Part Number Breakdown The nomenclature follows a specific logic: ```text PM 1210 - R18 J | | | |_ Tolerance (J = ±5%) | | |____ Value (R18 = 0.18 Microhenries) | |__________ Case Size (1210 Imperial) |_______________ Series Identifier (Bourns PM Series) ``` --- ### 4. Common Applications Due to its high Q and moderate current rating, the PM1210-R18J is typically found in: 1. **RF Communication:** Used in impedance matching and tuning circuits for wireless modules. 2. **Signal Filtering:** Low-pass or band-pass filters in telecommunications equipment. 3. **Decoupling:** Filtering high-frequency noise from power lines in mobile devices and peripherals.
    ✨ Follow-up Questions
    • ⤷ What are the main differences between ceramic-core and ferrite-core inductors in this series?
    • ⤷ How does the SRF (Self-Resonant Frequency) impact the circuit performance?
    • ⤷ Can you provide equivalent part numbers from other manufacturers like Murata or TDK?