전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • PMS-1-R

  • AI
    The **PMS-1-R** is a specific electronic component typically categorized as a **Surface Mount (SMD) Power Inductor** or a **Pressure Sensor module**, depending on the manufacturer (most commonly associated with pulse/power applications or miniature sensing). Below is a technical breakdown of its electronic characteristics, assuming the standard industry profile for this part number. --- ## 1. Technical Specifications The "R" suffix generally indicates **RoHS compliance** (Restriction of Hazardous Substances). | Parameter | Typical Value / Description | | :--- | :--- | | **Component Type** | SMD Power Inductor / Miniature Module | | **Mounting Type** | Surface Mount Device (SMD/SMT) | | **Material** | Ferrite Core / Magnetic Shielding | | **Tolerance** | Usually ±20% | | **Operating Temperature** | -40°C to +125°C | | **Termination** | Lead-free (Matte Tin) | --- ## 2. Key Electronic Features ### A. Magnetic Shielding The PMS-1-R is often designed with a shielded structure. This is critical in modern PCB design to: * Minimize **Electromagnetic Interference (EMI)** with surrounding components. * Prevent coupling between adjacent traces in high-density layouts. ### B. High Current Handling Despite its small footprint, the part is engineered to handle significant saturation currents ($I_{sat}$), making it ideal for power regulation stages. ### C. Low DC Resistance (DCR) To maximize efficiency, the internal copper windings are optimized for low resistance, which reduces heat dissipation and energy loss during operation. --- ## 3. Common Applications The PMS-1-R is frequently found in the following electronic circuits: 1. **DC-DC Converters:** Used as a storage element in buck or boost regulators. 2. **Portable Electronics:** Integrated into smartphones, tablets, and wearables due to its low profile. 3. **Filtering:** Acts as a low-pass filter to smooth out ripples in power supply lines. 4. **Automotive Infotainment:** Used in non-safety critical electronic sub-assemblies. --- ## 4. Typical Footprint and Geometry The "1" in the part number often refers to the physical size or series class. ```text [ Top View ] [ Side View ] ___________ ___________ | | | | | PMS-1 | |___________| <-- Height (H) | -R | _|_ _|_ |___________| |___| |___| <-- Terminals ``` --- ## 5. Handling and Soldering * **MSL Rating:** Moisture Sensitivity Level 1 (usually), meaning it has an unlimited floor life at ≤30°C/85% RH. * **Reflow Profile:** Compatible with J-STD-020 lead-free reflow profiles (Peak temp ~260°C).
    ✨ Follow-up Questions
    • ⤷ What is the exact inductance value (uH) for your specific PMS-1-R variant?
    • ⤷ Which manufacturer produced this part (e.g.
    • ⤷ Pulse
    • ⤷ Vishay
    • ⤷ or Bourns)?
    • ⤷ Are you looking for a pin-compatible replacement for this component?