전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • PPC-154SWINARM

  • AI
    The **PPC-154SWINARM** is an industrial-grade Panel PC designed for arm mounting, typically used in human-machine interface (HMI) applications. Its electronic architecture is centered around high-reliability components capable of 24/7 operation in harsh environments. --- ### Core Electronic Specifications The system utilizes a low-power, fanless architecture to prevent dust intake and mechanical failure. | Component | Technical Specification | Details | | :--- | :--- | :--- | | **Processor (CPU)** | Intel® Celeron® J6412 | Quad-core Elkhart Lake, 2.0GHz up to 2.6GHz. | | **System Memory** | 1x DDR4 SO-DIMM | Supports up to 32GB RAM. | | **Display Panel** | 15.6" WXGA LCD | 1366 x 768 resolution with LED backlighting. | | **Touch Controller** | Projected Capacitive (P-CAP) | Multi-touch support with USB interface. | | **Storage Interface** | 1x M.2 / 1x 2.5" SATA | Supports high-speed NVMe or standard SSDs. | --- ### Internal Circuitry & I/O Modules The internal electronics are divided into several key functional blocks: #### 1. Power Management Unit (PMU) * **Voltage Input:** Designed for wide DC input (typically 9V ~ 36V). * **Protection:** Includes Over-Voltage Protection (OVP), Over-Current Protection (OCP), and Reverse Polarity Protection. * **Isolation:** Industrial models often feature isolated power circuits to prevent ground loops in factory settings. #### 2. Connectivity & Communication The motherboard integrates various controllers for external peripherals: * **Ethernet Controllers:** Dual Intel i210/i211 Gigabit LAN for redundant networking. * **Serial Communication:** Integrated RS-232/422/485 transceivers for PLC communication. * **Audio Codec:** Realtek High Definition Audio for system alerts and playback. #### 3. Display & Touch Electronics * **LVDS/eDP Interface:** The digital bridge between the motherboard and the LCD panel. * **Backlight Inverter/Driver:** Regulates the brightness and power supply to the LED strings. * **Touch Screen IC:** A dedicated controller that translates capacitive touch signals into USB or I2C data for the OS. --- ### Physical Protection Electronics As an "ARM" series model, the electronics are housed in a specialized enclosure: * **Ingress Protection (IP65):** The front bezel and electronics are sealed against water and dust. * **Heat Dissipation:** The aluminum chassis acts as a giant heatsink for the CPU, eliminating the need for internal fans.
    ✨ Follow-up Questions
    • ⤷ What are the power consumption requirements for the PPC-154SWINARM?
    • ⤷ Which operating systems are compatible with the Intel J6412 processor in this unit?
    • ⤷ Can the storage be upgraded to a larger NVMe drive?