전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • PPC-315-RJ60A

  • AI
    The **PPC-315-RJ60A** is an industrial-grade Panel PC produced by Advantech. It is designed for high-performance computing in rugged environments, featuring a 15" display and powered by the Intel Core i-series (Tiger Lake) platform. Below is a breakdown of its key electronic components and technical specifications. --- ### 1. Core Processing & Memory The device is built on the Intel 11th Generation platform, which provides a significant jump in processing power and integrated graphics performance compared to previous generations. | Component | Specification | | :--- | :--- | | **CPU** | Intel® Core™ i5-1145G7E / i3-1115G4E / Celeron 6305E | | **Memory Architecture** | 2 x 260-pin DDR4 SO-DIMM slots | | **Max Capacity** | Up to 64 GB | | **Graphics** | Intel® Iris® Xe Graphics (Core i5) or Intel® UHD Graphics | ### 2. Display and Touch Interface The front panel acts as the primary Human-Machine Interface (HMI), featuring industrial-grade luminosity and durability. * **LCD Panel:** 15" TFT LCD with a resolution of 1024 x 768 (XGA). * **Touch Controller:** Projected Capacitive (P-CAP) multi-touch or 5-wire resistive touch options. * **Durability:** The front panel is IP66-rated, meaning it is protected against dust and powerful water jets. ### 3. Input/Output (I/O) Connectivity The electronic motherboard (Mainboard) integrates various industrial communication ports: | Port Type | Quantity / Details | | :--- | :--- | | **Ethernet** | 2 x 10/100/1000/2500 Mbps (Intel I225-LM/IT) | | **USB** | 4 x USB 3.2 Gen 2 | | **Serial Ports** | 2 x RS-232/422/485 (DB9) | | **Video Output** | 1 x HDMI 2.0b | | **Expansion** | 1 x M.2 (E-key for Wi-Fi), 1 x M.2 (M-key for SSD) | ### 4. Power System The PPC-315-RJ60A is designed to operate in unstable industrial power grids, featuring a wide voltage input range. * **Input Voltage:** 9 ~ 32 VDC (Terminal block). * **Power Consumption:** Typically around 60W (depending on CPU load and peripherals). * **Protection:** Over-voltage and over-current protection circuits are integrated into the power management module. ### 5. Storage Support The system uses modern high-speed storage interfaces to ensure fast boot times and data reliability. * **NVMe Support:** M.2 2280 (PCIe Gen4 x4) for high-speed SSDs. * **SATA Support:** 1 x 2.5" SATA bay for high-capacity SSD/HDD storage. --- ### Environmental & Physical Electronics * **Thermal Management:** Fanless design (heatsink-based) to prevent dust intake and mechanical failure. * **Watchdog Timer:** 255-level timer to automatically reset the system if the software freezes. * **TPM:** Integrated TPM 2.0 chip for hardware-level security and encryption.
    ✨ Follow-up Questions
    • ⤷ What are the mounting options available for the PPC-315-RJ60A?
    • ⤷ Does this model support Windows 11 and Linux distributions?
    • ⤷ Can the I/O be expanded using Advantech iDoor modules?