전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • PPD-A4H3R-R

  • AI
    The **PPD-A4H3R-R** is a specific model within the **PPD Series** of DC-DC converters, typically manufactured by companies like **Lambda (TDK-Lambda)**. These are high-reliability, board-mounted power modules designed for industrial and telecommunications applications. --- ## 1. Technical Specifications The part number follows a specific nomenclature that defines its electrical characteristics: | Parameter | Specification | | :--- | :--- | | **Input Voltage Range** | 3.0V to 6.0V DC (Standard 5V Input) | | **Output Voltage** | Triple Output (Typical: +5V, +12V, -12V or similar configurations) | | **Mounting Type** | Through-Hole (PCB) | | **Package/Case** | Compact, encapsulated module | | **Isolation** | Input-to-Output Isolation (typically 500VDC) | --- ## 2. Key Internal Electronic Components The PPD-A4H3R-R is an integrated module, meaning it contains several discrete parts inside its casing to perform power conversion: ### A. Switching Controller The "heart" of the module is a high-frequency PWM (Pulse Width Modulation) controller. This IC manages the switching frequency to ensure a stable output voltage regardless of input fluctuations. ### B. High-Frequency Transformer Because this is an isolated DC-DC converter, it uses a small ferrite-core transformer. This provides galvanic isolation between the input and output circuits, protecting sensitive downstream components. ### C. Power MOSFETs These act as the switches. They turn the DC input into a high-frequency AC signal to be passed through the transformer. ### D. Rectifiers and Filters * **Schottky Diodes:** Used on the output stage to convert the AC from the transformer back into DC with minimal voltage drop. * **LC Filters:** A combination of Inductors (L) and Capacitors (C) to smooth out "ripple" voltage, ensuring a clean DC output. --- ## 3. Pin Configuration & Functions While the exact pinout depends on the sub-revision, a standard PPD-series triple-output module generally features: 1. **+Vin / -Vin:** Input power pins. 2. **NC (No Connect):** Used for structural stability. 3. **Vout 1:** Main positive output. 4. **Vout 2 / Vout 3:** Auxiliary outputs (often +12V and -12V for operational amplifiers). 5. **COM:** Common ground for the output side. --- ## 4. Application Use Cases * **Analog Circuits:** Providing +/- 12V rails for Op-Amps from a single 5V logic supply. * **Industrial Automation:** Powering sensors that require isolated voltages. * **Legacy Hardware:** Maintenance and repair of older telecommunication switching gear.
    ✨ Follow-up Questions
    • ⤷ What are the specific output current ratings for each rail of the PPD-A4H3R-R?
    • ⤷ Are there modern pin-to-pin compatible replacements for this TDK-Lambda module?
    • ⤷ What is the thermal operating range for this specific DC-DC converter?