전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • PPD-B1H1R-R

  • AI
    The **PPD-B1H1R-R** is a high-performance, industrial-grade pressure sensor (pressure transducer) manufactured by **Nidec Copal Electronics**. It belongs to the PPD series, which is specifically designed for high-reliability applications involving liquid or gas pressure measurement. --- ### 1. Core Technical Specifications | Parameter | Specification | | :--- | :--- | | **Pressure Type** | Gauge Pressure | | **Rated Pressure Range** | 0 to 1.0 MPa (approx. 10 bar / 145 psi) | | **Output Type** | Analog Voltage (1 to 5 VDC) | | **Supply Voltage** | 10.8 to 26.4 VDC | | **Current Consumption** | ≤ 15 mA | | **Accuracy / Linearity** | ± 1.0% F.S. (Full Scale) | | **Connection Thread** | R1/8 (Tapered pipe thread) | --- ### 2. Internal Electronic Components & Construction The device is more than just a simple resistor; it is a complex electronic assembly consisting of several key stages: #### A. The Sensing Element (MEMS Die) The "heart" of the PPD-B1H1R-R is a **Piezoresistive Silicon Chip**. - It uses a micro-machined diaphragm with diffused resistors. - When pressure is applied, the diaphragm flexes, changing the resistance of the bridge circuit (Wheatstone Bridge) etched onto the silicon. #### B. Signal Conditioning Circuitry Because the raw output of a piezoresistive element is very small (millivolts) and temperature-dependent, the internal electronics include: 1. **Amplification:** An operational amplifier (Op-Amp) boosts the millivolt signal to a standard **1–5V range**. 2. **Temperature Compensation:** Thermistors or internal compensation circuits adjust the output to ensure accuracy across the operating temperature range (typically -20°C to 70°C). 3. **Voltage Regulation:** Internal regulators allow the device to accept a wide input voltage (10.8V to 26.4V) without affecting the output signal. #### C. Protection Electronics To survive industrial environments, the PCB includes: - **Reverse Polarity Protection:** Prevents damage if the power supply wires are connected backwards. - **EMI/RFI Filtering:** Capacitors and inductors to filter out electromagnetic noise from nearby motors or relays. --- ### 3. Wiring and Interface The unit typically uses a 3-wire system. The standard color coding for Nidec Copal PPD sensors is generally as follows: | Wire Color | Function | Description | | :--- | :--- | :--- | | **Brown** | Vcc (+) | Power Supply Input (12-24V) | | **Blue** | GND (-) | Common Ground | | **Black** | Output | Analog Voltage Signal (1-5V) | --- ### 4. Key Application Use Cases * **Hydraulic Systems:** Monitoring oil pressure in machinery. * **Pneumatic Control:** Managing compressed air lines in factory automation. * **Water Treatment:** Measuring pump discharge pressure. * **Medical Equipment:** High-precision gas pressure monitoring.
    ✨ Follow-up Questions
    • ⤷ What is the difference between gauge pressure and absolute pressure in this sensor series?
    • ⤷ How do I calibrate the 1-5V output to a specific PSI or Bar reading in a PLC?
    • ⤷ Is this sensor compatible with corrosive chemical liquids?