전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • PPD-B7H1R-R

  • AI
    ## Analysis of the PPD-B7H1R-R The **PPD-B7H1R-R** is a specific electronic component, typically categorized as a **Surface Mount Device (SMD)** power inductor. These components are essential in modern electronics for managing power supply stability and filtering noise. --- ### 1. General Specifications While specific datasheets may vary slightly by manufacturer, components with this nomenclature generally follow these parameters: | Feature | Description | | :--- | :--- | | **Component Type** | Power Inductor (SMD) | | **Mounting Type** | Surface Mount (SMT) | | **Shielding** | Magnetically Shielded (prevents EMI interference) | | **Common Applications** | DC-DC Converters, Power Supplies, Laptops, Handheld devices | --- ### 2. Key Electronic Characteristics The performance of the PPD-B7H1R-R is defined by three primary electrical values: 1. **Inductance Value:** * The "1R" in the part number usually signifies **1.0 microhenry ($\mu H$)**. * The "R" acts as a decimal point. 2. **Current Rating (I-sat / I-temp):** * **Saturation Current ($I_{sat}$):** The current at which the inductance drops by a specified percentage (usually 20-30%). * **Temperature Rise Current ($I_{rms}$):** The maximum continuous current that causes a $40^\circ C$ rise in temperature. 3. **DC Resistance (DCR):** * This represents the internal resistance of the copper winding. Lower DCR leads to higher efficiency and less heat generation. --- ### 3. Construction and Materials The "PPD" series often refers to high-current, low-profile designs. * **Core Material:** Usually a Ferrite or Metal Alloy powder core. Metal alloy cores are preferred for high-current applications because they have a "soft" saturation characteristic. * **Terminals:** Lead-free (RoHS compliant) plating, usually Tin (Sn) or Silver-Nickel (Ag-Ni). * **Structure:** Wire-wound internal structure encapsulated in a molded plastic or resin body. --- ### 4. Technical Comparison How this part typically compares to standard inductors: | Factor | PPD Series (Shielded) | Standard Unshielded | | :--- | :--- | :--- | | **EMI/RFI** | Very Low (Self-contained) | High (Radiates noise) | | **Efficiency** | High (Low DCR) | Moderate | | **Profile** | Low-profile (Compact) | Bulkier | --- ### Example Footprint (Generic SMD) ```python # Typical Solder Pad Dimensions (mm) pad_width = 2.5 pad_height = 3.0 gap_between_pads = 4.0 ```
    ✨ Follow-up Questions
    • ⤷What is the exact saturation current for the PPD-B7H1R-R?
    • ⤷ Can this inductor be used in automotive applications?
    • ⤷ What are the common alternatives for a 1.0uH shielded inductor?