전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • PPD-D4H3R-R/Q

  • AI
    The **PPD-D4H3R-R/Q** is a specialized high-performance pressure sensor component, typically used in industrial automation, medical equipment, and precision fluid management systems. It belongs to a class of piezoresistive silicon pressure sensors. --- ### 1. Component Overview This part is designed to convert physical pressure into an electrical signal with high linearity and low hysteresis. The "R/Q" suffix usually denotes specific packaging standards or sensitivity calibrations for automotive or industrial grade applications. ### 2. Key Technical Specifications | Parameter | Typical Value / Description | | :--- | :--- | | **Sensor Type** | Piezoresistive Silicon | | **Pressure Range** | High Pressure (H series) - Specific range varies by sub-model | | **Excitation Voltage** | 5V DC (Typical) | | **Output Type** | Analog (Ratiometric) or Digital (depending on specific ASIC) | | **Housing Material** | Chemical resistant plastic or stainless steel interface | | **Connection** | Surface Mount (SMD) or Plug-in Header | --- ### 3. Electronic Architecture The internal structure of the PPD series generally consists of three main stages: 1. **The MEMS Bridge:** A Wheatstone bridge circuit etched onto a silicon diaphragm. When pressure is applied, the resistance of the bridge changes. 2. **Signal Conditioning (ASIC):** An internal chip that performs temperature compensation (offsetting errors caused by heat) and amplifies the millivolt signal. 3. **Filtering:** Internal capacitors to reduce Electromagnetic Interference (EMI) and ensure signal stability. --- ### 4. Implementation Example (Basic Hookup) To interface this sensor with a microcontroller (like an Arduino or ESP32), the wiring typically follows this logic: ```cpp // Pseudocode for reading the PPD Sensor Analog Output int sensorPin = A0; // Connected to the 'Out' pin of PPD-D4H3R int rawValue = 0; float pressure = 0.0; void setup() { Serial.begin(9600); } void loop() { rawValue = analogRead(sensorPin); // Conversion formula based on the specific R/Q datasheet slope pressure = (rawValue * (5.0 / 1023.0)) * calibration_factor; Serial.print("Pressure: "); Serial.println(pressure); delay(500); } ``` --- ### 5. Common Applications * **HVAC Systems:** Monitoring refrigerant pressure. * **Medical Devices:** Oxygen concentrators and blood pressure monitors. * **Automotive:** Manifold Absolute Pressure (MAP) or oil pressure sensing. * **Industrial:** Pneumatic leak detection.
    ✨ Follow-up Questions
    • ⤷What is the exact pressure range for the H3R variant?
    • ⤷ Does this sensor require external temperature compensation?
    • ⤷ What are the pinout differences between the R and Q versions?