전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • PPD-H1N1N-R

  • AI
    The **PPD-H1N1N-R** is a specific part number primarily associated with **Industrial Pressure Sensors** (often related to pneumatic and hydraulic systems). While exact specifications can vary by manufacturer, this specific nomenclature is commonly used in industrial automation components. Below is an explanation of its electronic and physical characteristics. --- ### 1. General Specifications The PPD series generally refers to a dual-display digital pressure sensor designed for high-precision monitoring of gaseous or liquid media. | Component Feature | Specification Details | | :--- | :--- | | **Sensor Type** | Piezoresistive / Electronic Pressure Transducer | | **Measurement Range** | Typically 0 to 1.0 MPa (Standard Pressure) | | **Input Voltage** | 12 - 24V DC (±10%) | | **Output Type** | Dual NPN Open Collector + Analog Output (1-5V) | | **Response Time** | ≤ 2.5ms (Adjustable) | | **Connection Port** | R1/8" or M5 (Standard Industrial Thread) | --- ### 2. Electronic Hardware Components The device is composed of several key electronic subsystems that allow it to function as a precision measurement tool: #### A. The Sensing Element The core is a **piezoresistive silicon chip**. When pressure is applied to the diaphragm, the resistance changes proportionally. This analog signal is then amplified for processing. #### B. Signal Conditioning & ADC * **Operational Amplifiers:** Scale the millivolt signal from the sensor to a usable range. * **Analog-to-Digital Converter (ADC):** Converts the pressure readings into digital data for the onboard microprocessor. #### C. Control & Interface * **Microcontroller (MCU):** Handles the logic, calibration data, and user-defined setpoints. * **Dual LED/LCD Display:** Shows the current pressure and the threshold settings simultaneously. * **Switching Output (NPN):** Uses transistors to act as a switch. When the pressure hits a setpoint, the NPN output pulls the signal line to the Ground (0V), allowing it to trigger a PLC (Programmable Logic Controller). --- ### 3. Wiring Diagram (Standard NPN Configuration) The "N1N" in the part number usually signifies the output logic. Below is the typical wiring configuration: ```mermaid graph LR A[Brown: +V 12-24V] --- Power B[Blue: 0V / GND] --- Power C[Black: Output 1 - NPN] --- PLC_Input D[White: Output 2 - NPN] --- PLC_Input E[Orange: Analog 1-5V] --- Analog_Card ``` --- ### 4. Key Electronic Features * **Hysteresis Mode:** Allows the user to set a "buffer" zone to prevent the electronics from flickering on and off when the pressure is oscillating right at the threshold. * **Short-Circuit Protection:** Most "R" suffix models include internal protection to prevent the NPN transistors from burning out if the output is accidentally grounded. * **Zero-Point Adjustment:** Electronic calibration to reset the atmospheric pressure reading to zero.
    ✨ Follow-up Questions
    • ⤷ What is the difference between NPN and PNP output in this pressure sensor?
    • ⤷ How do you calibrate the zero-point on a PPD series sensor?
    • ⤷ Can the PPD-H1N1N-R be used for liquid pressure or only pneumatic gas?