전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • PPD-H4N1R-R/

  • AI
    The **PPD-H4N1R-R** is a specific type of logic-driven hardware component, commonly categorized as a **Digital Pressure Sensor** or a **Pressure Switch**, often utilized in industrial automation for pneumatic and vacuum applications. Below is an explanation of its electronic components, specifications, and wiring structure. --- ### 1. Key Technical Specifications The device operates as an electronic interface between physical pressure levels and a digital control system (like a PLC). | Parameter | Specification | | :--- | :--- | | **Output Type** | NPN / PNP Open Collector (Depending on sub-model) | | **Pressure Range** | High-pressure and Vacuum detection capabilities | | **Supply Voltage** | 12 to 24V DC (Standard industrial range) | | **Response Time** | < 2.5ms (High-speed electronic switching) | | **Current Consumption** | $\approx$ 40mA or less | | **Display Type** | Integrated 3-color Digital LCD/LED | --- ### 2. Internal Electronic Architecture The device consists of several critical electronic stages: 1. **Pressure Transducer (Piezo-resistive Element):** This is the heart of the part. It converts mechanical pressure into a small electrical voltage change. 2. **Analog-to-Digital Converter (ADC):** A microprocessor-controlled circuit that digitizes the voltage from the transducer for processing. 3. **Comparator Circuit:** This allows the user to set a "Switch Point." When the digital value reaches the threshold, the electronic output triggers. 4. **Output Transistors (Open Collector):** These act as electronic switches. They do not output voltage directly; instead, they "pull down" (NPN) or "pull up" (PNP) the signal line to complete a circuit. --- ### 3. Wiring and Pin Configuration The PPD series typically uses a standardized color-coding for its electronic leads: * **Brown:** Positive DC Power (+V). * **Blue:** Negative DC Power (0V/GND). * **Black:** Control Output 1 (Digital signal to the controller). * **White:** Control Output 2 or Analog Output (Optional, depending on specific R-R configuration). --- ### 4. Circuit Protection Features As an industrial-grade part, the PPD-H4N1R-R includes built-in protective electronics: * **Short-Circuit Protection:** Prevents the internal transistors from burning out if the output is miswired. * **Reverse Polarity Protection:** Protects the device if the + and - DC wires are swapped. * **Noise Filtering:** Capacitors and ferrites to prevent EMI (Electromagnetic Interference) from causing "false trips" in the signal. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between NPN and PNP output in this specific model?
    • ⤷ How do I calibrate the set-point on a PPD series pressure sensor?
    • ⤷ What are the common industrial applications for the PPD-H4N1R-R?