전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • PRC05-R5F

  • AI
    ## PRC05-R5F Electronic Components Overview The **PRC05-R5F** is a specific type of miniature circular connector manufactured by **Tajimi Electronics**. These connectors are widely used in industrial equipment, medical devices, and measuring instruments due to their push-pull locking mechanism and compact size. ### Technical Specifications | Feature | Specification | | :--- | :--- | | **Series** | PRC05 (Miniature Circular) | | **Number of Pins** | 5 Pins | | **Connector Type** | Receptacle (Socket) | | **Gender** | Female (Solder cup contacts) | | **Locking Mechanism** | Quick push-pull (One-touch) | | **Rated Voltage** | AC 100V / DC 140V | | **Rated Current** | 2A | | **Contact Resistance** | 10 mΩ Max at DC 1A | --- ### Internal Electronic Components and Materials The PRC05-R5F is composed of high-precision materials designed for durability and signal integrity: 1. **Contact Pins (Female):** * **Material:** Brass or Phosphor Bronze. * **Plating:** Gold over Nickel. Gold plating prevents oxidation and ensures low contact resistance over thousands of mating cycles. 2. **Insulator:** * **Material:** Synthetic Resin (often PPS or PBT). * **Properties:** High dielectric strength to prevent short-circuiting between the 5 pins and high heat resistance for soldering. 3. **Shell/Housing:** * **Material:** Zinc alloy or Brass with Chrome or Nickel plating. * **Function:** Provides EMI shielding and physical protection for the internal connections. 4. **Termination Style:** * **Solder Cup:** The rear of the connector features five cups designed for manual soldering of wires (typically 24-28 AWG). ### Pin Configuration Example While specific wiring depends on the device manufacturer, the standard 5-pin layout for the PRC05 series usually follows a circular pattern: | Pin Number | Typical Use Case | | :--- | :--- | | **1 - 2** | Power Supply (VCC / GND) | | **3 - 5** | Signal/Data transmission or Sensor feedback | --- ### Applications * **Medical Equipment:** Used in handheld diagnostic tools. * **Measurement:** Connecting sensors to data loggers. * **Aviation/Industrial:** High-vibration environments where a secure lock is required.
    ✨ Follow-up Questions
    • ⤷ What is the mating plug model number for the PRC05-R5F?
    • ⤷ What are the recommended soldering temperatures for this connector?
    • ⤷ Are there waterproof versions of the Tajimi PRC05 series?