전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • PRCP-R017

  • AI
    ## Understanding the PRCP-R017 Electronic Component The **PRCP-R017** is a Polymer Positive Temperature Coefficient (PPTC) resettable fuse, commonly referred to as a "polyfuse" or "multifuse." It is designed to protect electronic circuits from overcurrent and short-circuit conditions. --- ### 1. Key Technical Specifications The following table highlights the critical electrical characteristics of the PRCP-R017: | Parameter | Specification | Description | | :--- | :--- | :--- | | **$I_{hold}$** | 0.17 A | Maximum current the device will pass without tripping. | | **$I_{trip}$** | 0.34 A | Minimum current at which the device will switch to high resistance. | | **$V_{max}$** | 60 V | Maximum voltage the device can withstand without damage. | | **$I_{max}$** | 40 A | Maximum fault current the device can safely interrupt. | | **$P_d$** | 0.48 W | Power dissipated when the device is in the tripped state. | | **Form Factor** | Radial Leaded | Through-hole mounting style. | --- ### 2. How it Works Unlike traditional fuses that burn out and must be replaced, the PRCP-R017 "resets" itself once the fault is removed and the temperature drops. 1. **Normal Operation:** The device has a very low resistance, allowing current to flow to the load. 2. **Fault Condition:** If an overcurrent occurs, the internal polymer heats up and expands. 3. **Tripped State:** The expansion causes the conductive particles to separate, increasing the resistance exponentially and limiting the current to a safe level. 4. **Reset:** Once the power is disconnected and the device cools down, the polymer contracts, restoring the conductive path. --- ### 3. Common Applications Due to its 60V rating and 0.17A hold current, this part is ideal for low-power, high-voltage protection tasks: * **Telecommunications:** Protection for sensitive line cards. * **Industrial Controls:** Protecting sensors and PLC inputs. * **Power Supplies:** Secondary protection for small transformers. * **Computer Peripherals:** Protecting I/O ports and motherboards. --- ### 4. Circuit Symbol and Example In a schematic, a PPTC is represented by a symbol similar to a resistor or a fuse with a "Z" or "S" line through it. ```text +-------[ PRCP-R017 ]-------+ | (Fuse) | [ DC Source ] [ Load/Circuit ] | | +---------------------------+ ```
    ✨ Follow-up Questions
    • ⤷ What is the difference between I_hold and I_trip in this component?
    • ⤷ How long does it take for the PRCP-R017 to reset after a fault?
    • ⤷ What are the temperature derating factors for this part?