전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • PRCP-R250

  • AI
    The **PRCP-R250** is a Resettable Thermal Fuse, specifically a **Polymer Positive Temperature Coefficient (PPTC)** device. These components are commonly used for overcurrent and overtemperature protection in electronic circuits. --- ## 1. Core Specifications The following table outlines the primary electrical characteristics of the PRCP-R250: | Parameter | Specification | Description | | :--- | :--- | :--- | | **$I_{hold}$** | 2.50 A | The maximum current the device will hold without tripping at 23°C. | | **$I_{trip}$** | 5.00 A | The minimum current at which the device is guaranteed to trip. | | **$V_{max}$** | 30 V | The maximum voltage the device can withstand without damage. | | **$I_{max}$** | 40 A | The maximum fault current the device can safely interrupt. | | **$P_d$ (Typ.)** | 1.2 W | Power dissipated from the device when in the tripped state. | | **Resistance ($R_{min}$)** | 0.05 $\Omega$ | Initial minimum resistance before any trip event. | --- ## 2. Principles of Operation The PRCP-R250 functions as a **self-resetting fuse**. Unlike a standard one-time fuse, it does not need to be replaced after a fault. 1. **Normal State:** The conductive polymer matrix is in a crystalline state, allowing electrons to flow easily (low resistance). 2. **Fault State (Overcurrent):** Excessive current causes $I^2R$ heating. When the temperature reaches a critical point, the polymer expands into an amorphous state. 3. **High Resistance:** This expansion breaks the conductive paths, increasing resistance dramatically and dropping the current to a safe leakage level. 4. **Reset:** Once the fault is removed and the device cools down, the polymer contracts, and the device returns to a low-resistance state. --- ## 3. Physical & Design Attributes ### Package Style * **Form Factor:** Radial Leaded (Through-hole). * **Material:** Cured, flame-retardant epoxy polymer (meets UL 94V-0 requirements). * **Lead Material:** Tin-plated copper. ### Key Applications * **Computer Peripherals:** USB ports, plug-and-play protection. * **General Electronics:** Power supplies and battery chargers. * **Industrial Controls:** Motor protection and transformer protection. --- ## 4. Typical Time-to-Trip The PRCP-R250 is designed to trip faster as the current increases. For this specific model: * At **12.5 A** (5x $I_{hold}$), the maximum time to trip is approximately **10.3 seconds**.
    ✨ Follow-up Questions
    • ⤷ What is the difference between I_hold and I_trip in practical circuit design?
    • ⤷ How does ambient temperature affect the performance of the PRCP-R250?
    • ⤷ Can this device be used in high-voltage AC applications?