전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • PRCP-RHT750

  • AI
    The **PRCP-RHT750** is a specific model of **Resettable PTC (Positive Temperature Coefficient) Fuse**, commonly known as a **Polyfuse** or **Polyswitch**. These components are used for overcurrent protection in electronic circuits. Below is a detailed breakdown of its specifications, functionality, and applications. --- ### 1. Key Technical Specifications The "750" in the part number typically refers to the hold current ($I_{hold}$), which is 7.5 Amps. | Parameter | Value | Description | | :--- | :--- | :--- | | **Hold Current ($I_{hold}$)** | 7.5 A | The maximum current the device will pass without tripping. | | **Trip Current ($I_{trip}$)** | 13.1 A | The minimum current at which the device will switch to high resistance. | | **Max Voltage ($V_{max}$)** | 16V - 30V | The maximum voltage the device can withstand without damage. | | **Max Current ($I_{max}$)** | 100 A | The maximum fault current the device can safely interrupt. | | **Mounting Type** | Radial Leaded | Through-hole components with two wire leads. | | **Operating Temp** | -40°C to +125°C | High-temperature rating (indicated by the "HT" suffix). | --- ### 2. How it Works Unlike a standard one-time fuse that "blows" and must be replaced, the PRCP-RHT750 works through **thermal expansion**: 1. **Normal State:** The conductive particles inside the polymer form a low-resistance path, allowing current to flow to the load. 2. **Fault State (Overcurrent):** If the current exceeds the trip point, $I^2R$ heating causes the polymer to expand. The conductive paths break, and the resistance increases exponentially. 3. **Reset State:** Once the power is removed and the fault is cleared, the device cools down, the polymer contracts, and the conductive paths are restored. --- ### 3. Advantages of the "RHT" Series The **RHT** designation indicates that this part is engineered for **High Temperature** environments. * **Thermal Stability:** It is designed to maintain a stable hold current even in hot environments (like automotive engine compartments). * **Durability:** Better resistance to humidity and thermal shock compared to standard-temperature PTCs. * **Safety:** Provides reliable protection against short circuits and overcharge conditions in battery packs. --- ### 4. Common Applications * **Automotive Electronics:** Powering window motors, seat adjustments, and ECU protection. * **Industrial Controls:** Protecting sensors and actuators from wiring shorts. * **Battery Packs:** Preventing overcurrent discharge in high-capacity Li-ion or NiMH packs. * **Power Supplies:** Secondary side protection for transformers. --- ### 5. Part Number Breakdown (PRCP-RHT750) * **PRCP:** Series Prefix (Polymer Resettable Circuit Protector). * **RHT:** High-Temperature material (up to 125°C). * **750:** Current rating indicator (7.50 Amperes). ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between I-hold and I-trip in PTC fuses?
    • ⤷ How does ambient temperature affect the performance of the PRCP-RHT750?
    • ⤷ Can a resettable fuse be used to replace a standard glass fuse in all applications?