전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • PRCP-RX050/72

  • AI
    ## Technical Overview: PRCP-RX050/72 The **PRCP-RX050/72** is a specific model of **Polymeric Positive Temperature Coefficient (PPTC)** resettable fuse, commonly referred to as a "Polyfuse" or "Multifuse." These components are used for overcurrent and short-circuit protection in electronic circuits. --- ### 1. Key Technical Specifications The model number typically follows a standard nomenclature for PPTC devices. Here are the core electrical parameters for this specific part: | Parameter | Specification | Description | | :--- | :--- | :--- | | **$I_{hold}$** | 0.50 A | The maximum current the device can carry without tripping. | | **$I_{trip}$** | 1.00 A | The minimum current at which the device will switch to a high resistance state. | | **$V_{max}$** | 72 V | The maximum voltage the device can withstand without damage. | | **$I_{max}$** | 40 A | The maximum fault current the device can safely handle. | | **$P_d$ (Typ.)** | 0.77 W | Power dissipated by the device when in the tripped state. | | **Rmin / Rmax** | 0.50 / 1.17 $\Omega$ | Initial resistance range at $25^\circ C$. | --- ### 2. Physical and Material Properties * **Technology:** Polymeric PTC. It consists of a non-conductive plastic crystalline polymer matrix mixed with carbon black particles. * **Form Factor:** Radial Leaded (Through-hole). * **Encapsulation:** Cured, flame retardant epoxy polymer (meets UL 94V-0 requirements). * **Lead Material:** Tin-plated copper. --- ### 3. Theory of Operation The PRCP-RX050/72 functions as a self-repairing circuit breaker through the following process: 1. **Normal State:** Under normal current ($<0.50A$), the carbon particles form conductive chains, providing low resistance. 2. **Fault Condition:** When current exceeds $1.00A$, Joule heating ($I^2R$) causes the polymer to expand. 3. **Tripped State:** The expansion breaks the carbon chains, increasing resistance exponentially and reducing current to a trickle. 4. **Resetting:** Once the fault is removed and the device cools down, the polymer contracts, the carbon chains reconnect, and the device returns to a low-resistance state. --- ### 4. Applications Because of its **72V rating**, this specific model is ideal for: * **Security Systems:** Protecting sensors and control panels. * **Industrial Controls:** Safeguarding PLC I/O ports. * **Telecommunications:** Protection against power cross-talk. * **Power Supplies:** Secondary protection for DC transformers. --- ### 5. Part Number Breakdown | Prefix | Series | Hold Current | Voltage Rating | | :--- | :--- | :--- | :--- | | **PRCP** | **RX** | **050** | **/72** | | Brand Identifier | Radial Leaded Series | 0.50 Amperes | 72 Volts Max |
    ✨ Follow-up Questions
    • ⤷ What is the difference between a PPTC and a standard one-time fuse?
    • ⤷ How does ambient temperature affect the trip current of the PRCP-RX050/72?
    • ⤷ What is the typical 'Time-to-Trip' for this device at 2.5 Amps?