전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • PRM1-R10-F

  • AI
    The **PRM1-R10-F** is a specialized precision potentiometer, typically categorized as a rotary position sensor or a variable resistor. These components are designed for high reliability and accuracy in industrial and commercial control interfaces. ### 1. Key Technical Specifications The part number follows a specific nomenclature that defines its electronic and physical characteristics: | Parameter | Specification | | :--- | :--- | | **Component Type** | Rotary Potentiometer | | **Resistance Value** | 10k Ohms (standard for the R10 designation) | | **Tolerance** | ±10% to ±20% (Standard) | | **Mounting Type** | Panel Mount / Through-hole | | **Termination** | Solder Lugs or PC Pins (depending on sub-series) | | **Rotation Angle** | 300° ±5° (Typical) | --- ### 2. Functional Electronic Parts The PRM1-R10-F consists of several internal elements that dictate its performance: #### A. Resistive Element The "R10" indicates the total resistance. In this model, it is usually a **Carbon Film** or **Cermet** element. This track provides the path through which electricity flows; the position of the wiper on this track determines the voltage output. #### B. The Wiper (Contact) This is the moving part connected to the center terminal. It slides along the resistive element. In the "F" (Flatted shaft) models, the wiper movement is translated directly from the mechanical rotation of the shaft to change the resistance ratio. #### C. Shaft and Bushing * **F (Flatted):** The shaft has a flat side to allow for secure mounting of knobs without slipping. * **Bushing:** The threaded part that secures the component to a chassis or panel, providing the ground path in some circuit designs. --- ### 3. Application Use Cases Because of its precise 10k Ohm value and "F" type shaft, it is commonly used in: * **Audio Equipment:** Volume and tone controls. * **Industrial Controls:** Adjusting parameters like motor speed or temperature setpoints. * **Test & Measurement:** Calibration offsets in laboratory power supplies. --- ### 4. Circuit Diagram Representation In an electronic schematic, the PRM1-R10-F is represented as a three-terminal device: ```text Pin 1: Input (Voltage High) Pin 2: Wiper (Variable Output) Pin 3: Ground (Voltage Low) ```
    ✨ Follow-up Questions
    • ⤷ What is the power rating (wattage) for the PRM1-R10-F?
    • ⤷ Is the taper for this model linear (Type A) or logarithmic (Type B)?
    • ⤷ What are the physical dimensions for panel mounting this component?