전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • PRM1B-R100-F

  • AI
    The **PRM1B-R100-F** is a specific electronic component, typically categorized as a **High-Power Current Sensing Resistor** (Shunt Resistor). These components are engineered to measure current flow by monitoring the voltage drop across a known, very low resistance value. --- ### ## Technical Specifications Below are the typical technical parameters for a component in this series: | Feature | Specification | | :--- | :--- | | **Component Type** | Current Sense Resistor (Power Shunt) | | **Resistance Value** | 100 mΩ (0.1 Ohms) | | **Power Rating** | 1 Watt (Standard for 1B series) | | **Tolerance** | ±1% (Indicated by the 'F' suffix) | | **Temperature Coefficient** | Low TCR (typically ±50 to ±100 ppm/°C) | | **Mounting Type** | Surface Mount (SMD) | --- ### ## Breakdown of the Part Number Understanding the nomenclature helps identify the exact physical and electrical properties: * **PRM**: Product series identifier (Power Resistor Metal-element). * **1B**: Refers to the physical package size and power rating (often equivalent to a 2512 or similar large-format SMD size). * **R100**: Represents the resistance value. The "R" acts as a decimal point, meaning `0.100` Ohms or **100mΩ**. * **F**: Represents the tolerance code. `F` stands for **±1%**. --- ### ## Key Features & Applications #### ### Key Features 1. **Metal Element Construction**: These are usually made from a metal alloy (like Manganin or NiCr) to ensure stability under high heat. 2. **Heat Dissipation**: Designed with a larger footprint to handle significant power without shifting resistance value. 3. **Low Inductance**: Essential for high-frequency switching power supplies to prevent signal noise. #### ### Common Applications * **Battery Management Systems (BMS)**: Monitoring charge/discharge cycles in lithium batteries. * **DC-DC Converters**: Feedback loops for regulating output current. * **Motor Control**: Sensing the load on a motor to prevent stalling or over-current damage. * **Power Supplies**: Over-current protection (OCP) circuits. --- ### ## Typical Application Circuit When using this resistor to measure current, the formula used is **Ohm's Law ($V = I \times R$)**. ```c // Example Calculation: // If the voltmeter across PRM1B-R100-F reads 50mV: // Resistance (R) = 0.1 Ohms // Current (I) = V / R // Current (I) = 0.050V / 0.1 Ohms = 0.5 Amps ``` ---
    ✨ Follow-up Questions
    • ⤷What is the maximum current this resistor can handle based on its 1W power rating?
    • ⤷ Are there 4-terminal (Kelvin) versions available for higher precision?
    • ⤷ What are the recommended footprint dimensions for soldering this part?