전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • PRU-24-R/

  • AI
    The **PRU-24-R** is an electronic component primarily classified as a **Power Relay Unit**. It is commonly utilized in HVAC systems, building automation, and industrial control panels to interface low-voltage control circuits with high-voltage loads. --- ### 1. General Specifications The PRU-24-R acts as a bridge, allowing a low-power signal (typically from a thermostat or controller) to switch a much larger electrical load. | Feature | Specification (Typical) | | :--- | :--- | | **Input Voltage (Coil)** | 24 VAC/VDC | | **Contact Configuration** | SPDT (Single Pole Double Throw) | | **Current Rating** | 10A to 15A (Load dependent) | | **Mounting** | Snap-track or Enclosure mounted | | **Indicators** | LED status light (usually included) | --- ### 2. Key Internal Electronic Components The device is comprised of several critical electronic sub-parts that work in tandem: * **Electromagnetic Coil:** The heart of the unit. When 24V is applied, it creates a magnetic field that moves the internal armature. * **Contacts (Silver Alloy):** High-conductivity points that open or close the circuit. They are designed to resist "arcing" and oxidation. * **Flyback Diode / Suppressor:** Protects the upstream controller from voltage spikes (back-EMF) when the relay coil is de-energized. * **LED Indicator:** A small light-emitting diode that provides visual feedback to technicians, showing whether the relay is currently energized. * **Terminal Blocks:** Screw-down connectors that ensure a secure physical and electrical connection for high-gauge wiring. --- ### 3. Connection Logic The wiring of the PRU-24-R is generally divided into the **Control Side** and the **Load Side**. | Side | Terminals | Function | | :--- | :--- | :--- | | **Control** | Coil (+/-) | Receives the 24V signal to trigger the relay. | | **Load (COM)** | Common | The main feed line for the device being controlled. | | **Load (N.O.)** | Normally Open | Circuit is closed (on) only when the relay is energized. | | **Load (N.C.)** | Normally Closed | Circuit is closed (on) when the relay is idle. | --- ### 4. Applications * **HVAC Control:** Using a 24V thermostat to turn on a 120V/240V fan motor or heater. * **Lighting Systems:** Interfacing occupancy sensors with high-voltage lighting banks. * **Isolation:** Protecting sensitive digital controllers from high-voltage noise and surges.
    ✨ Follow-up Questions
    • ⤷What is the maximum amperage the PRU-24-R can handle at 240VAC?
    • ⤷ Does the PRU-24-R require a specific orientation for mounting?
    • ⤷ How do you troubleshoot a PRU-24-R relay that is not clicking?