전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • PS21661-RZSLASH-FR

  • AI
    The **PS21661-RZ / PS21661-FR** is a high-performance **Intelligent Power Module (IPM)** manufactured by Mitsubishi Electric. It is designed specifically for driving 3-phase brushless DC (BLDC) motors and AC synchronous motors in industrial and high-end consumer applications. --- ### ## Technical Specifications Overview This module integrates power switching devices with dedicated gate drive ICs in a single package. | Parameter | Value / Description | | :--- | :--- | | **Voltage Rating** | 600V | | **Current Rating** | 5A | | **Internal Components** | 6th Generation IGBTs & Free-Wheeling Diodes (FWD) | | **Configuration** | 3-Phase Inverter Bridge | | **Control Logic** | 3.3V or 5V CMOS/TTL compatible | | **Package Type** | Mini DIP-IPM (Dual In-line Package) | --- ### ## Key Electronic Features #### 1. Integrated Drive Circuitry The module includes built-in High-Voltage Integrated Circuits (HVICs). These allow the module to be driven directly by a microcontroller (MCU) or Digital Signal Processor (DSP) without the need for external optocouplers or complex level-shifting circuits. #### 2. Protection Mechanisms To ensure reliability and prevent component failure, the PS21661 series includes: * **Over-Current Protection (OCP):** Shuts down the IGBTs if a short circuit or over-current is detected via an external shunt resistor. * **Under-Voltage Lockout (UVLO):** Monitors both the P-side (high side) and N-side (low side) power supplies to ensure the gates are not driven at inefficient voltages. * **Fault Output (Fo):** Sends a signal to the controller if a protection event occurs. #### 3. Bootstrap Functionality The module supports **Bootstrap Circuitry**, allowing it to operate from a single 15V DC power supply for the gate drive, rather than requiring multiple isolated power sources for the high-side IGBTs. --- ### ## Typical Application Circuit The following represents a simplified block diagram of how the part is integrated: ```mermaid graph LR MCU[Microcontroller] -- PWM Signals --> IPM[PS21661 Module] IPM -- 3-Phase Output --> Motor[BLDC Motor] DC_Link[+300V DC] --> IPM Shunt[Shunt Resistor] -- Feedback --> IPM ``` ### ## Differences between -RZ and -FR While the core electrical specifications remain similar, the suffix usually denotes: * **RZ:** Often indicates specific lead-frame plating or packaging variations optimized for automated assembly. * **FR:** Typically indicates compliance with specific environmental standards (like Flame Retardancy) or regional distribution codes. ---
    ✨ Follow-up Questions
    • ⤷What are the recommended heat sink requirements for this 5A module?
    • ⤷ How do I calculate the value for the external shunt resistor for over-current protection?
    • ⤷ Can this module be used for 220V AC motor control?