전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • PS86-503P-B-R2

  • AI
    The **PS86-503P-B-R2** is a high-precision, industrial-grade electronic pressure switch/sensor manufactured by Nidec Components (formerly Copal Electronics). It is designed to monitor gas and liquid pressure in demanding environments. ### 1. Key Technical Specifications The model number encodes specific technical details about its operation: | Feature | Specification | Description | | :--- | :--- | :--- | | **Pressure Range** | 503 (0 to 5 MPa) | Measures up to 50 bar / 725 psi. | | **Pressure Type** | P (Gauge Pressure) | Measured relative to atmospheric pressure. | | **Output Type** | B (Analog + 2 Switch) | Provides a voltage output and two digital switch outputs. | | **Port Size** | R2 (R 1/4) | Standard 1/4 inch tapered pipe thread (PT). | | **Sensor Element** | Piezoresistive | Utilizes a silicone oil-filled diaphragm for high stability. | --- ### 2. Internal Electronic Components The device integrates several core electronic stages to convert physical pressure into a usable signal: #### A. The Sensing Element (MEMS) * **Piezoresistive Bridge:** At its core is a semiconductor strain gauge. When pressure is applied, the resistance changes proportionally. * **Stainless Steel Diaphragm:** A thin "316L" stainless steel plate protects the electronics from the media, transferring pressure via internal silicone oil. #### B. Signal Conditioning Circuit * **Amplifier:** The raw millivolt signal from the sensor is too small for microcontrollers; an internal precision op-amp boosts this signal. * **Temperature Compensation:** Includes thermistors or integrated compensation circuits to ensure accuracy remains stable despite environmental temperature swings. #### C. Output Electronics * **Analog Output:** Typically provides a **1 to 5V DC** output corresponding to the pressure range. * **Switching Output (NPN/PNP):** Contains solid-state transistors (usually NPN open collector) that act as electronic switches when a set pressure threshold is reached. --- ### 3. Wiring and Connection Layout The device usually features a 4-wire or 5-wire configuration: | Wire Color | Function | Description | | :--- | :--- | :--- | | **Brown** | Vcc (+) | Power supply input (typically 12–24V DC). | | **Blue** | GND (-) | Common ground. | | **Black** | Switch Output 1 | Digital trigger for alarm or control. | | **White** | Analog Output | Voltage signal for PLC/Data logger monitoring. | --- ### 4. Primary Applications * **Hydraulic Systems:** Monitoring fluid pressure in industrial machinery. * **Water Treatment:** Measuring pump discharge pressure. * **Pneumatics:** High-pressure gas line monitoring. * **Semiconductor Equipment:** Precision pressure control in cleanroom environments.
    ✨ Follow-up Questions
    • How do you calibrate the set-points for the switch outputs on this model?
    • What is the difference between the 'B' and 'H' output versions of the PS86 series?
    • Is this sensor compatible with corrosive chemical fluids?