전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • PSA05R-050-R

  • AI
    The **PSA05R-050-R** is a 5W wall-mount AC/DC adapter manufactured by **Phihong**. It is widely used for powering small consumer electronics, network devices, and peripherals. --- ### 1. Key Technical Specifications The following table summarizes the primary electrical characteristics of the device: | Feature | Specification | | :--- | :--- | | **Input Voltage** | 90V AC to 264V AC (Universal) | | **Output Voltage** | 5V DC | | **Output Current** | 1.0 A (1000mA) | | **Output Power** | 5 Watts | | **DC Connector** | 2.1mm x 5.5mm (Center Positive) | | **Efficiency** | Level V or VI (Energy Star compliant) | | **Input Frequency** | 47Hz to 63Hz | --- ### 2. Internal Electronic Components & Design The PSA05R-050-R is a **Switch Mode Power Supply (SMPS)**. Its internal architecture consists of several critical electronic stages: #### A. Input Stage (AC Side) * **Bridge Rectifier:** Converts the incoming AC sine wave into a pulsating DC voltage. * **Filter Capacitor:** A high-voltage electrolytic capacitor that smooths the pulsating DC into a stable high-voltage DC bus (approx. 300V-400V). * **Protection Circuitry:** Includes an internal fuse and often a Thermistor or MOV (Metal Oxide Varistor) to protect against overcurrent and voltage spikes. #### B. Switching & Transformation * **PWM Controller IC:** The "brain" of the unit. It switches a high-voltage MOSFET on and off at high frequencies (typically 50kHz to 100kHz). * **Switching Transformer:** A high-frequency ferrite core transformer that provides **galvanic isolation** between the high-voltage AC side and the low-voltage DC side. #### C. Output Stage (DC Side) * **Schottky Diode:** Rectifies the high-frequency AC from the transformer back into DC. * **Output Filter (LC Filter):** Uses low-ESR capacitors and sometimes an inductor to reduce "ripple" (voltage noise) to ensure the 5V output is steady. * **Feedback Loop:** Uses an **Optocoupler** to send a signal back to the PWM controller. This ensures that even if the load changes, the voltage stays exactly at 5V. --- ### 3. Safety and Physical Features * **Interchangeable Plugs:** The "R" in the part number often signifies that the unit uses interchangeable AC clips (US, UK, EU, AU), making it suitable for global travel. * **Protections:** * **Short Circuit Protection:** The unit shuts down safely if the output wires touch. * **Over-Voltage Protection:** Prevents the device from outputting more than 5V in case of a component failure. * **Over-Current Protection:** Limits output to prevent overheating. ---
    ✨ Follow-up Questions
    • ⤷ What are the compatible AC plug types for the PSA05R series?
    • ⤷ How does an SMPS differ from a linear power supply in terms of efficiency?
    • ⤷ Can this adapter be used to power a Raspberry Pi?