전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • PSE104-R68M

  • AI
    The **PSE104-R68M** is a high-performance power inductor, commonly used in DC-DC converters and voltage regulator modules (VRMs). It is designed to handle high currents while maintaining a compact physical footprint. --- ### 1. Part Number Breakdown To understand the specifications, we can decode the nomenclature typically used for this series: | Segment | Meaning | Value | | :--- | :--- | :--- | | **PSE** | Series Name | High Current Shielded Power Inductor | | **104** | Case Size | Approx. 10.0 x 10.0 x 4.0 mm | | **R68** | Inductance Value | 0.68 µH (Microhenries) | | **M** | Tolerance | ±20% | --- ### 2. Key Technical Specifications While exact values can vary slightly by manufacturer (such as Cyntec or Delta), the standard parameters for a PSE104-R68M are: * **Inductance:** 0.68 µH * **DC Resistance (DCR):** Extremely low (typically < 3.0 mΩ) to minimize power loss. * **Saturation Current ($I_{sat}$):** The current at which inductance drops by ~20-30%. For this part, it is usually between **25A and 35A**. * **Heating Current ($I_{rms}$):** The continuous current that causes a 40°C temperature rise. Usually matches or exceeds the saturation current. * **Operating Temperature:** Generally -40°C to +125°C. --- ### 3. Construction and Features The PSE104 series is built using **Metal Alloy Powder** technology, which offers several advantages over traditional ferrite core inductors: * **Magnetic Shielding:** The molded construction minimizes electromagnetic interference (EMI) with neighboring components. * **Soft Saturation:** Unlike ferrites that lose inductance abruptly when overloaded, metal alloy cores have a "soft" saturation curve, making the circuit more stable under peak loads. * **Low Buzz Noise:** The solid molded structure reduces acoustic noise caused by magnetostriction. --- ### 4. Common Applications Due to its high current handling and low profile, this part is found in: 1. **Motherboards:** Multi-phase CPU/GPU voltage regulators. 2. **Server Power:** High-density power modules. 3. **Telecom:** Base station power supplies. 4. **Laptops:** Main system rail inductors for high-performance mobile workstations. --- ### 5. Implementation Example In a typical buck converter circuit, the PSE104-R68M acts as the energy storage element: ```python # Simplified Inductor Ripple Current Formula # ΔIL = (Vin - Vout) * D / (L * f) Vin = 12.0 # Input Voltage Vout = 1.2 # Output Voltage L = 0.68e-6 # 0.68uH f = 500000 # 500kHz Switching Frequency DutyCycle = Vout / Vin ripple_current = ((Vin - Vout) * DutyCycle) / (L * f) print(f"Ripple Current: {ripple_current:.2f} Amps") ```
    ✨ Follow-up Questions
    • ⤷What are the equivalent alternative part numbers for the PSE104-R68M from other manufacturers?
    • ⤷ How does the 'soft saturation' characteristic benefit a DC-DC converter design?
    • ⤷ What is the physical footprint and PCB land pattern for a 104 size inductor?