전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • PSE124-R68M

  • AI
    The **PSE124-R68M** is a high-current, shielded power inductor typically used in DC-DC converter applications. It is designed to handle high saturation currents while maintaining a compact surface-mount footprint. ### Technical Specifications | Parameter | Value / Specification | | :--- | :--- | | **Inductance** | 0.68 µH (Microhenries) | | **Tolerance** | ±20% (indicated by 'M') | | **DC Resistance (DCR)** | Typ: ~1.0 mΩ | Max: ~1.2 mΩ | | **Saturation Current (Isat)** | High (typically 30A - 50A depending on manufacturer) | | **Operating Temperature** | -40°C to +125°C | | **Package Size** | ~12.5 x 12.5 x 4.0 mm (Series 124) | | **Shielding** | Magnetically Shielded | --- ### Part Number Breakdown Understanding the nomenclature helps in identifying its characteristics: 1. **PSE**: Product series code (often refers to high-current power inductors with metal alloy cores). 2. **124**: Physical dimensions. Usually denotes a footprint of approximately **12mm x 12mm** with a height of **4mm**. 3. **R68**: The inductance value. "R" acts as a decimal point. **R68 = 0.68 µH**. 4. **M**: Inductance tolerance. **M = ±20%**. --- ### Key Features and Construction * **Metal Composite Core:** These inductors usually use a powdered iron or alloy core. This construction allows for "soft saturation," meaning the inductance doesn't drop abruptly when the current exceeds the rated limit. * **Magnetic Shielding:** The molded construction minimizes Electromagnetic Interference (EMI), making it suitable for high-density PCB layouts near sensitive components. * **Low DCR:** The use of thick copper wire ensures minimal power loss through heat, maximizing the efficiency of power supplies. --- ### Common Applications The PSE124-R68M is primarily found in high-efficiency power regulation circuits: * **Voltage Regulator Modules (VRM):** Used in motherboards and GPU power phases. * **DC-DC Converters:** Point-of-Load (POL) converters for telecommunications and industrial equipment. * **Battery Powered Systems:** Where high efficiency and low heat generation are critical. * **Automotive Electronics:** Infotainment and ADAS systems requiring robust power components.
    ✨ Follow-up Questions
    • ⤷ What are the main differences between 'soft saturation' and 'hard saturation' in power inductors?
    • ⤷ How does the DCR of this inductor affect the overall efficiency of a buck converter?
    • ⤷ What are some direct equivalents or competitors for the PSE124 series?