AI

The **Moxa PT-7828-R-48** is a high-performance, Layer 3 managed Ethernet switch designed specifically for power substation automation. It adheres to the **IEC 61850-3** and **IEEE 1613** standards, ensuring reliable operation under extreme electromagnetic interference (EMI).
### 1. Core Technical Specifications
The "R-48" designation specifically refers to the power configuration and mounting style of this unit.
| Feature | Specification |
| :--- | :--- |
| **Total Ports** | Up to 28 ports (24 Fast Ethernet + 4 Gigabit) |
| **Slot Configuration** | 3 slots for 8-port Fast Ethernet modules, 1 slot for 4-port Gigabit modules |
| **Input Voltage** | 48 VDC (Range: 36 to 72 VDC) |
| **Power Redundancy** | Dual isolated redundant power supplies |
| **Operating Temp** | -40 to 85°C (-40 to 185°F) |
| **Mounting** | 19-inch rack mounting |
---
### 2. Key Electronic Components & Design
The electronic architecture is built for "zero packet loss" in high-voltage environments.
#### Power Supply Unit (PSU)
* **Isolated Design:** The 48 VDC input is galvanically isolated to prevent surges from the power grid from damaging the internal logic circuits.
* **Redundancy:** The "R" in the model name indicates rear cabling, typically paired with dual power inputs to ensure that if one power source fails, the switch continues to operate without rebooting.
#### Modular Interface System
Unlike fixed switches, the PT-7828 uses a modular backplane.
* **PM-7200 Series Modules:** The electronic heart of the I/O. These modules can be swapped to provide copper (RJ45), multi-mode fiber (ST/SC), or single-mode fiber connections.
* **SFP Slots:** The Gigabit ports often utilize SFP (Small Form-factor Pluggable) transceivers for long-distance optical communication.
#### Robust Internal Circuitry
* **Fanless Design:** The electronics are engineered for high thermal efficiency, using heat sinks and chassis dissipation rather than fans (which are mechanical points of failure).
* **Hardware-based Time Stamping:** Supports **IEEE 1588 PTP v2** (Precision Time Protocol) for nanosecond-level time synchronization across the grid.
---
### 3. Electronic Compliance & Protection
The circuitry is hardened against environmental stressors typical in industrial sites:
1. **EMS (Electromagnetic Susceptibility):** High level of protection against electrostatic discharge (ESD), radiated RF, and electrical fast transients (EFT).
2. **Logic Separation:** The control plane (CPU managing the software) is electronically isolated from the data plane (ASICs moving the packets) to maintain stability during heavy traffic.
3. **Alarm Contact:** Includes a relay output (3 A @ 30 VDC) that can be wired to an external PLC or siren to signal power failure or port links going down.
---
- ⤷
What are the specific PM-7200 modules compatible with this chassis?
- ⤷ How does the L3 routing capability differ from the L2 version of this switch?
- ⤷ What are the wiring requirements for the 48 VDC redundant power input?