PT-7828-R-HV
AI

The **Moxa PT-7828-R-HV** is a high-performance, Layer 2 managed Ethernet switch designed specifically for power substation automation. It adheres to the **IEC 61850-3** and **IEEE 1613** standards.
Below is a breakdown of its electronic components, power specifications, and hardware architecture.
---
### 1. Power Supply System (HV Model)
The "HV" in the model name stands for **High Voltage**. This unit is designed to operate within industrial and utility power grids.
| Feature | Specification |
| :--- | :--- |
| **Input Voltage** | 110/220 VAC/VDC (88 to 300 VDC, 85 to 264 VAC) |
| **Redundancy** | Dual isolated redundant power supplies (Rear cabling) |
| **Protection** | Built-in Overload Current & Reverse Polarity Protection |
| **Isolation** | 3 kVDC or 2 kVrms isolation for power ports |
### 2. Modular Hardware Architecture
The PT-7828 is a **modular switch**, meaning its electronic capabilities depend on the interface modules inserted into the chassis.
* **Fixed Slots:** Usually 4 slots for 4-port modules.
* **Total Ports:** Up to 28 ports (24 Fast Ethernet + 4 Gigabit).
* **Module Types:**
* **PM-7200 Series:** Includes 10/100BaseT(X) copper, multi-mode fiber (ST/SC), and single-mode fiber options.
* **Gigabit Modules:** Slots for SFP or Copper Gigabit uplinks to handle backbone traffic.
### 3. Core Electronic Components & Logic
The internal circuitry is hardened for extreme electromagnetic interference (EMI).
* **Switching Fabric:** Non-blocking crossbar architecture to ensure zero packet loss at full wire speed.
* **Storage/Memory:** Internal Flash for firmware and configuration; RAM for packet buffering (critical for GOOSE messaging in substations).
* **Physical Layer (PHY):** Industrial-grade transceivers designed to withstand surges and electrostatic discharge (ESD).
* **Passive Cooling:** The electronic design utilizes a fanless heat-sink system to increase MTBF (Mean Time Between Failures).
### 4. Technical Hardware Specifications
| Component | Detail |
| :--- | :--- |
| **Housing** | IP30 aluminum/steel protection |
| **Console Port** | RS-232 (RJ45 connector) for local management |
| **Alarm Contact** | 1 relay output with current carrying capacity of 1A @ 24VDC |
| **Operating Temp** | -40 to 85°C (-40 to 185°F) - Wide temperature rated |
---
### 5. Critical Compliance Electronics
The internal electronic filtering is designed to pass:
* **IEC 61000-4-2 (ESD):** Level 4.
* **IEC 61000-4-4 (EFT):** Level 4.
* **IEC 61000-4-5 (Surge):** Level 4.
* **IEEE 1613:** Error-free communication under EMI stress.
- ⤷
What are the compatible PM-7200 modules for the PT-7828 series?
- ⤷ How does the 'R' designation in the model name affect the hardware layout?
- ⤷ Can the HV power supply be swapped for a Low Voltage (LV) DC model?