전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • PT-L8..

  • AI
    The **PT-L8** typically refers to a high-performance **Fiber Optic Optical Line Terminal (OLT)**, commonly used in GPON/EPON networking architectures. Below is a detailed breakdown of its electronic components and hardware architecture. --- ## 1. Core Hardware Components The PT-L8 is designed as a modular or fixed-chassis system that manages data distribution to end-users (ONUs/ONTs). | Component | Description | Function | | :--- | :--- | :--- | | **Main Control Processor** | High-speed ARM or MIPS-based CPU | Manages system configuration, SNMP, and Layer 2/3 switching logic. | | **Switching Fabric Chip** | ASIC (Application-Specific Integrated Circuit) | Handles wire-speed packet forwarding between PON ports and Uplink ports. | | **PON Transceivers** | SFP/SFP+ Optical Modules | Converts electrical signals into laser pulses for fiber transmission. | | **SDRAM / Flash Memory** | DDR3/DDR4 RAM and NAND Flash | Stores the Operating System (firmware), routing tables, and buffering. | --- ## 2. Interface and Connectivity The "L8" designation usually signifies an **8-Port** configuration. ### A. PON Section (Downstream) * **8 x GPON/EPON Ports:** These use SFP slots. Each port typically supports a split ratio of 1:64 or 1:128. * **Wavelengths:** Operates at 1490nm (TX) and 1310nm (RX). ### B. Uplink Section (Upstream) * **GE/10GE Ports:** Usually contains 4 x 10Gbps SFP+ slots and 4 x 10/100/1000Mbps RJ45 copper ports to connect to the core IP network. --- ## 3. Power and Thermal Management To ensure carrier-grade reliability (99.999% uptime), the PT-L8 includes: * **Dual Power Modules:** Often supports redundant AC (100V-240V) and DC (-48V) power inputs. If one fails, the other takes over without downtime. * **Voltage Regulators:** Internal DC-DC converters that step down voltage for sensitive CMOS chips (1.2V, 3.3V, 5V). * **Active Cooling:** A fan tray assembly with temperature sensors that adjust RPM based on the thermal load of the ASIC. --- ## 4. Technical Specifications Summary | Feature | Specification | | :--- | :--- | | **Backplane Capacity** | 100 Gbps - 128 Gbps (typical) | | **MAC Table Size** | 16K - 32K entries | | **Management Ports** | 1 x Console (RJ45), 1 x MGMT (Ethernet) | | **Standard Compliance** | ITU-T G.984 (GPON) or IEEE 802.3ah (EPON) | --- ## 5. Typical Block Diagram Logic ```mermaid graph LR A[Uplink Internet] --> B[Switching Fabric] B --> C[CPU/Management] B --> D[PON Port 1-8] D --> E[Optical Splitters] E --> F[End User ONT] ```
    ✨ Follow-up Questions
    • ⤷ What is the maximum split ratio supported per PON port on the PT-L8?
    • ⤷ Does the PT-L8 support redundant power supplies?
    • ⤷ How do you configure the PT-L8 via the Console port?