전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • PT-RX110

  • AI
    The **Panasonic PT-RX110** is a high-brightness 1-Chip DLP™ laser projector designed for professional installations, such as museums, auditoriums, and control rooms. Its electronic architecture is centered around reliability, high-speed data processing, and thermal management. --- ### Core Electronic Components The device integrates several specialized electronic systems to produce high-quality imagery while maintaining a long operational life. | Component Group | Key Hardware | Function | | :--- | :--- | :--- | | **Light Source** | Solidshine Laser Diode Array | Uses blue laser diodes and a phosphor wheel to generate light. | | **Image Processing** | Detail Clarity Processor 3 | Optimizes sharpness and texture through digital signal analysis. | | **Imaging Engine** | 1-Chip DLP™ (Digital Micromirror Device) | A semiconductor chip containing millions of microscopic mirrors. | | **Power Supply** | Dual-Unit Switching Power Supply | Provides stable voltage to the lasers and logic boards. | | **Connectivity** | DIGITAL LINK (HDBaseT™) | Receives uncompressed video/control signals over a single CAT5e/6 cable. | --- ### Technical Breakdown of Electronic Systems #### 1. Solidshine Laser Drive Unlike traditional lamp-based projectors, the PT-RX110 uses a **Failover-protected laser engine**. * **Redundancy:** The laser diodes are grouped into two discrete modules. If one diode fails, a built-in safety circuit ensures the remaining diodes continue to operate with minimal loss in brightness. * **Phosphor Wheel:** A heat-resistant inorganic phosphor wheel converts blue laser light into a full spectrum for the DLP chip. #### 2. Signal Processing Architecture The electronics are designed for high-speed video handling: * **Real-Motion Processor:** Operates at 120Hz to create smooth motion by interpolating frames and reducing motion blur. * **System Daylight View 3:** Uses a built-in ambient light sensor to adjust the gamma curve and color balance electronically based on the room's brightness. #### 3. Cooling and Protection Circuitry Because high-output lasers generate significant heat, the electronics include: * **Liquid Cooling System:** A hermetically sealed cooling loop for the laser light source. * **Thermal Sensors:** Multiple thermistors monitor the internal temperature and adjust fan speeds via the logic board to prevent thermal shutdown. * **Dust-Resistant Optical Block:** The electronics and optics are housed in a sealed structure to prevent dust particles from interfering with the image. #### 4. Control Interface The PT-RX110 includes several electronic ports for remote management: * **RS-232C / LAN:** For serial and network command protocols (Crestron Connected™, AMX). * **Sync In/Out:** Specialized circuitry to synchronize multiple projectors for large-scale edge blending. --- ### Basic Specifications Summary ```json { "Brightness": "10,400 Lumens", "Technology": "1-Chip DLP", "Light_Source": "Laser Diode (Solidshine)", "Resolution": "1024 x 768 (XGA)", "Operating_Life": "Approx. 20,000 hours" } ```
    ✨ Follow-up Questions
    • ⤷ How does the Failover circuitry handle laser diode failures?
    • ⤷ What are the benefits of the DIGITAL LINK interface in this model?
    • ⤷ What is the difference between the PT-RX110 and PT-RZ120 models?