전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • PTPH-65G-R/Q

  • AI
    The **PTPH-65G-R/Q** is a high-performance, Gallium Nitride (GaN) based power component, typically categorized as a **GaN-on-Silicon enhancement-mode power transistor** or a highly integrated **GaN Power Stage**. These parts are designed for high-density power conversion in modern electronics. --- ## Technical Specifications Overview Below are the typical electronic characteristics for this class of 650V GaN power devices: | Parameter | Typical Value | Description | | :--- | :--- | :--- | | **Drain-Source Voltage ($V_{DS}$)** | 650V | Maximum operating voltage rating. | | **Drain-Source Resistance ($R_{DS(on)}$)** | ~150mΩ - 260mΩ | Resistance when the switch is ON (varies by sub-model). | | **Gate-Source Voltage ($V_{GS}$)** | -10V to +7V | Maximum limits for the gate drive. | | **Package Type** | QFN / PDFN | Surface-mount package optimized for thermal dissipation. | | **Material** | GaN-on-Si | Wide Bandgap (WBG) semiconductor material. | --- ### Key Electronic Features 1. **High Switching Speed:** GaN devices have significantly lower parasitic capacitance compared to traditional Silicon MOSFETs. This allows the PTPH-65G series to switch at frequencies in the megahertz (MHz) range, reducing the size of inductors and capacitors. 2. **Zero Reverse Recovery ($Q_{rr}$):** Unlike Silicon parts, GaN does not have an intrinsic body diode. This eliminates reverse recovery losses, making it ideal for bridge topologies (like Totem-pole PFC). 3. **Thermal Efficiency:** The "Q" suffix often denotes a specific thermal pad configuration or package variant designed to pull heat away from the die efficiently, allowing for higher power density in small chargers. --- ### Typical Application Circuits The PTPH-65G-R/Q is commonly used in the primary side of power converters. ```mermaid graph LR A[AC Input] --> B[Rectifier] B --> C[PFC Stage: PTPH-65G] C --> D[LLC/Flyback Converter] D --> E[DC Output] ``` ### Common Use Cases: * **USB-C PD Chargers:** High-wattage (65W, 100W+) ultra-compact wall adapters. * **LED Drivers:** Slim-line power supplies for lighting. * **Server Power Supplies:** High-efficiency AC/DC stages to meet 80 Plus Titanium standards. --- ### Design Considerations * **Gate Driving:** GaN gates are sensitive. Ensure the gate driver provides a stable 5V or 6V drive; exceeding 7V usually results in permanent damage. * **Layout:** Due to the extremely high $dv/dt$ (fast voltage changes), PCB traces must be kept very short to minimize EMI and ringing.
    ✨ Follow-up Questions
    • ⤷What is the exact maximum drain current (ID) for the PTPH-65G-R/Q?
    • ⤷ Does this part include an integrated gate driver or is it a discrete transistor?
    • ⤷ What are the recommended gate driver ICs for 650V GaN parts?