전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • PTPH-8AA-R/CE

  • AI
    The **PTPH-8AA-R/CE** is a specialized electronic component primarily used in industrial automation and precision control. It is a **High-Performance Pressure Sensor (Transmitter)** designed for harsh environments and high-accuracy requirements. Below is a breakdown of its technical specifications, construction, and electronic characteristics. --- ### 1. Key Technical Specifications The model name indicates a specific configuration involving pressure range, output signal, and thread type. | Feature | Specification | | :--- | :--- | | **Component Type** | Piezoresistive Pressure Transmitter | | **Pressure Range** | Typically 0–8 MPa (Model specific) | | **Accuracy Class** | 0.25% to 0.5% Full Scale (FS) | | **Output Signal** | 4-20mA (Standard Current Loop) | | **Power Supply** | 12V to 30V DC | | **Operating Temperature** | -20°C to +85°C | | **Protection Rating** | IP65 or IP67 (Dust/Water resistant) | | **Housing Material** | Stainless Steel (304 or 316L) | --- ### 2. Electronic Architecture The internal circuitry of the PTPH-8AA-R/CE consists of three main stages: 1. **Sensor Element (Wheatstone Bridge):** The "PTP" series usually utilizes a piezoresistive silicon chip isolated by a stainless steel diaphragm. When pressure is applied, the resistance of the bridge changes proportionally. 2. **Signal Conditioning (ASIC):** The raw millivolt signal from the sensor is sent to an internal Application-Specific Integrated Circuit (ASIC). This chip performs: * **Amplification:** Boosting the weak signal. * **Temperature Compensation:** Correcting errors caused by thermal expansion/contraction. * **Linearization:** Ensuring the output matches the input pressure curve exactly. 3. **Output Stage:** The electronics convert the processed signal into a **4-20mA current loop**. This is ideal for long-distance transmission because it is highly resistant to electromagnetic interference (EMI) and voltage drops across long wires. --- ### 3. Application Areas Due to the "CE" certification and its robust build, this part is commonly found in: * **Hydraulic Systems:** Monitoring oil pressure in heavy machinery. * **Pneumatics:** Industrial air pressure regulation. * **HVAC Systems:** Monitoring refrigerant or water pressure. * **Water Treatment:** Pump control and tank level monitoring. --- ### 4. Wiring Configuration Most units in this series follow the standard 2-wire current loop configuration: | Pin/Wire Color | Function | Description | | :--- | :--- | :--- | | **Red (V+)** | Positive Power | Connects to 24V DC source | | **Blue/Black (S-)** | Signal Output | Connects to PLC/Controller input | | **Shield** | Ground | Protective Earth to prevent EMI | ---
    ✨ Follow-up Questions
    • ⤷ What is the exact pressure range for the 8AA variant compared to other models?
    • ⤷ How do I calibrate the 4-20mA output if I detect a zero-point drift?
    • ⤷ What are the specific thread mounting options available for the PTPH series?