전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • PUSB220G-AG6-R

  • AI
    ### PUSB220G-AG6-R: Electronic Specifications and Overview The **PUSB220G-AG6-R** is a specialized electronic component designed for high-speed data line protection. It is a TVS (Transient Voltage Suppressor) diode array specifically engineered to protect sensitive integrated circuits (ICs) from Electrostatic Discharge (ESD). --- ### 1. Key Technical Specifications Below are the primary electrical parameters for the PUSB220G-AG6-R: | Parameter | Specification | Description | | :--- | :--- | :--- | | **Type** | ESD Protection Diode | Designed for high-speed signal lines. | | **Number of Channels** | 2-Channel | Protects two independent differential lines. | | **Reverse Standoff Voltage ($V_{RWM}$)** | 5.0 V | Maximum voltage where the device remains "off". | | **Breakdown Voltage ($V_{BR}$)** | 6.0 V (Min) | The voltage at which the diode begins to conduct. | | **Line Capacitance ($C_L$)** | ~0.5 pF to 0.7 pF | Ultra-low capacitance to prevent signal distortion. | | **ESD Protection level** | ±15 kV (Air), ±8 kV (Contact) | Compliance with IEC 61000-4-2 standards. | | **Package Type** | SOT-23-6 / SOT-457 | Small surface-mount footprint. | --- ### 2. Core Functional Features * **Ultra-Low Capacitance:** Because the capacitance is extremely low (sub-1pF), it is ideal for high-frequency signals like USB 2.0/3.0, HDMI, and DisplayPort. It ensures that the digital pulse shapes are not rounded off or degraded. * **Bidirectional/Unidirectional Protection:** Depending on the internal configuration, it clamps both positive and negative transients to safe levels. * **Fast Response Time:** Provides near-instantaneous clamping (nanosecond range) to prevent damage to downstream CMOS components. --- ### 3. Common Applications This part is typically found in consumer electronics where ports are exposed to human touch: 1. **USB Interfaces:** Specifically USB 2.0 High-Speed (480 Mbps). 2. **Video Ports:** HDMI 1.3/1.4, DVI, and DisplayPort interfaces. 3. **Portable Electronics:** Smartphones, tablets, and laptops. 4. **Networking:** Ethernet and high-speed data communication equipment. --- ### 4. Pinout Logic (Typical SOT-26) While you should always verify the datasheet for the specific manufacturer (often NXP/Nexperia or similar), the layout generally follows this logic: ```text +-------U-------+ | [1] [2] [3] | (1) I/O 1 (2) GND (3) I/O 2 | | | [6] [5] [4] | (6) VCC (5) N/C (4) N/C +---------------+ ``` *(Note: Pin 6 is often used for VCC to provide a "rail-to-rail" clamping mechanism, which improves protection efficiency.)* ---
    ✨ Follow-up Questions
    • ⤷ What is the significance of ultra-low capacitance in USB 2.0 protection circuits?
    • ⤷ How does this part compare to the PUSB3FR4 in terms of data rate support?
    • ⤷ What are the specific soldering temperature profiles recommended for the SOT-457 package?