전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • PV10X-R010

  • AI
    The **PV10X-R010** is a high-precision, high-power **Current Sense Resistor** (often referred to as a Shunt Resistor). These components are critical in power electronics for monitoring current flow by measuring the voltage drop across a known low-resistance element. --- ### 1. Key Technical Specifications Based on the part numbering convention (typically associated with manufacturers like **Isabellenhütte** or similar high-precision brands), here are the technical characteristics: | Parameter | Specification | Description | | :--- | :--- | :--- | | **Resistance Value** | 10 mΩ (0.010 Ω) | Indicated by "R010". | | **Power Rating** | 10 Watts | High power handling capability (with heatsink). | | **Tolerance** | ±1% or ±5% | Precision level for current measurement. | | **Package Type** | TO-247 or TO-220 | Transistor-style package for easy heatsink mounting. | | **Technology** | Metal Foil / Manganin | Ensures low inductance and high stability. | --- ### 2. Internal Electronic Structure The PV10X series utilizes specific design features to ensure accuracy under thermal stress: * **Low Temperature Coefficient (TCR):** The resistive element is usually made of specialized alloys like Manganin or Aluchrom. This ensures the resistance doesn't change significantly as the part heats up. * **4-Terminal Construction (Kelvin Connection):** While the physical package may have two main power leads, high-precision variants often utilize internal Kelvin sensing to eliminate the resistance of the leads themselves from the measurement. * **Non-Inductive Design:** Because it is a flat foil or plate rather than a wire-wound coil, it has extremely low self-inductance, making it suitable for high-frequency switching power supplies. --- ### 3. Common Applications The PV10X-R010 is found in circuits where high current needs to be monitored accurately: 1. **Motor Control:** Measuring phase current to protect the motor and control torque. 2. **Battery Management Systems (BMS):** Monitoring charge and discharge cycles in electric vehicles or energy storage. 3. **Power Supplies:** Providing feedback for over-current protection (OCP) in DC-DC converters. 4. **Electronic Loads:** Used as the reference shunt in laboratory testing equipment. --- ### 4. Thermal Management Since this is a **10W resistor**, it generates significant heat. * **Derating:** The power rating of 10W is usually only achievable when the component is mounted to a substantial **heatsink**. * **Thermal Pad:** A thermal interface material (TIM) should be used between the back of the PV10X and the heatsink to ensure efficient heat transfer.
    ✨ Follow-up Questions
    • ⤷ What is the maximum current capacity for the PV10X-R010 based on its 10W rating?
    • ⤷ How does a Kelvin connection improve measurement accuracy in this resistor?
    • ⤷ What are the recommended heatsink requirements for a TO-247 style resistor?