전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • PV10X-R10

  • AI
    The **PV10X-R10** is a high-performance, integrated brushless gimbal camera system, typically used in unmanned aerial vehicles (UAVs) for surveillance and inspection. It combines a 10x optical zoom camera with a 3-axis stabilized gimbal. Below is an explanation of its core electronic components and specifications. --- ### 1. Optical & Sensor Specifications The heart of the PV10X-R10 is its imaging module, which handles light intake and digital conversion. | Component | Specification | | :--- | :--- | | **Image Sensor** | 1/3" CMOS (approx. 4 Megapixels) | | **Optical Zoom** | 10x Optical Zoom (f=4.7 to 47mm) | | **Digital Zoom** | Supports up to 12x digital magnification | | **Resolution** | Full HD (1920 x 1080) at 30/60 fps | | **Focus Speed** | High-speed Auto Focus (<1 second) | ### 2. The 3-Axis Gimbal System The gimbal electronics ensure that the footage remains stable regardless of the drone's vibration or movement. * **Motors:** High-precision Brushless DC (BLDC) motors control the **Pitch, Roll, and Yaw** axes. * **Encoders:** Integrated magnetic encoders provide feedback to the controller regarding the exact position of the camera. * **IMU (Inertial Measurement Unit):** An onboard sensor containing accelerometers and gyroscopes to detect motion at millisecond intervals. ### 3. Control Interface & Connectivity The "electronic brain" of the unit manages communication between the operator and the camera hardware. | Interface Type | Function | | :--- | :--- | | **Control Signal** | Supports S.Bus, Serial (TTL), and PWM protocols. | | **Video Output** | HDMI (Micro) and/or Ethernet (RTSP/UDP) for digital downlink. | | **Storage** | MicroSD card slot (usually supporting up to 128GB, Class 10). | | **Power Input** | Typically 3S to 4S LiPo compatible (approx. 12V - 16V). | ### 4. Advanced Electronic Features * **Target Tracking:** Many versions of the PV10X-R10 firmware include an onboard AI chip for "Object Tracking," allowing the gimbal to follow a moving vehicle or person autonomously. * **OSD (On-Screen Display):** Overlays GPS coordinates, zoom levels, and gimbal angles directly onto the video feed. * **Heat Dissipation:** The housing usually acts as a heat sink for the image processor, which generates significant heat during 1080p encoding. --- ### Summary of Wiring Most PV10X-R10 units utilize a standardized pinout for integration: ```yaml Red: Power (VCC 12V) Black: Ground (GND) White: RX (Serial Data) Blue: TX (Serial Data) Yellow: PWM/S.Bus Signal ```
    ✨ Follow-up Questions
    • ⤷ How do I configure the S.Bus settings for the PV10X-R10?
    • ⤷ What is the maximum power consumption of the gimbal during high-speed tracking?
    • ⤷ Is the PV10X-R10 compatible with MAVLink protocol for ArduPilot integration?