전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • PV37X503C01

  • AI
    The **PV37X503C01** is a high-precision electronic component manufactured by **Murata Electronics**. It belongs to the PV37 series of trimmer potentiometers, which are commonly used for fine-tuning circuit parameters. --- ### 1. General Overview The PV37X503C01 is a **Multi-turn Trimmer Potentiometer**. Unlike a standard single-turn pot, this device requires multiple rotations to move the internal wiper from one end of the resistive element to the other, allowing for extremely precise voltage or resistance adjustments. ### 2. Technical Specifications The part number follows a specific nomenclature. Here is a breakdown of the key specifications: | Feature | Specification | | :--- | :--- | | **Resistance Value** | 50 kΩ (503 code) | | **Resistance Tolerance** | ±10% | | **Power Rating** | 0.25W (at 70°C) | | **Number of Turns** | 12 Turns (Nominal) | | **Mounting Type** | Through-Hole | | **Adjustment Type** | Side Adjustment | | **Temperature Coefficient** | ±100ppm/°C | | **Operating Temperature** | -55°C to +125°C | --- ### 3. Construction and Internal Parts The component is composed of several critical internal elements: 1. **Resistive Element:** Typically made of **Cermet** (a Ceramic-Metal composite), which provides high stability and low noise. 2. **Wiper:** A metal contact that slides across the cermet element as the screw is turned. 3. **Lead Screw:** A precision-threaded screw that drives the wiper. The high thread count allows for the "multi-turn" resolution. 4. **Housing:** A sealed plastic case (IP64 or similar rating) designed to withstand soldering heat and cleaning solvents. --- ### 4. Applications This specific 50kΩ trimmer is often used in the following scenarios: * **Calibration:** Fine-tuning the gain of an Operational Amplifier (Op-Amp). * **Power Supplies:** Adjusting the output voltage or current limits. * **Sensors:** Setting the threshold level for comparative sensors or triggers. * **LCDs:** Adjusting the contrast voltage for liquid crystal displays. --- ### 5. Identification Code Breakdown (PV37X503C01) * **PV37:** Series name (6mm square, multi-turn). * **X:** Style/Terminal configuration (Side adjustment). * **503:** Resistance code ($50 \times 10^3 = 50,000$ Ohms). * **C01:** Individual specification or packaging code.
    ✨ Follow-up Questions
    • ⤷What is the difference between cermet and carbon resistive elements in trimmers?
    • ⤷ How do I read the 3-digit resistance code for other values?
    • ⤷ What are the common failure modes for multi-turn potentiometers?