전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • PVG3A503C01B00_V01

  • AI
    The **PVG3A503C01B00** is a specific model of a surface-mount (SMD) trimming potentiometer manufactured by **Murata Electronics**. It belongs to the **PVG3 series**, which is known for its compact size and high reliability in precision tuning applications. --- ## 1. Technical Specifications The following table outlines the core electronic and physical parameters of the device: | Parameter | Specification | | :--- | :--- | | **Component Type** | Trimming Potentiometer (Trimmer) | | **Resistance Value** | 50 kΩ (503 code) | | **Resistance Tolerance** | ±20% | | **Power Rating** | 0.25W (at 70°C) | | **Temperature Coefficient** | ±100ppm/°C | | **Number of Turns** | Single-turn (1 turn) | | **Adjustment Type** | Top Adjustment | | **Mounting Type** | SMD (Surface Mount Device) | | **Operating Temperature** | -55°C to +125°C | --- ## 2. Part Number Breakdown Understanding the suffix and prefix codes helps identify the specific variant: 1. **PVG3**: Series identifier (3mm Square, Sealed Type). 2. **A**: Terminal shape/style (J-hook leads). 3. **503**: Resistance code ($50 \times 10^3$ = 50,000 Ohms or 50 kΩ). 4. **C01**: Internal manufacturing/designator code. 5. **B00**: Packaging code (usually refers to bulk or specific reel formatting). --- ## 3. Key Electronic Features * **Sealed Construction**: The "PVG3" series is typically sealed to withstand industrial soldering processes, including infrared (IR) reflow and vapor phase soldering. This prevents flux or cleaning agents from entering the resistive element. * **Cermet Element**: Uses a Cermet (Ceramic-Metal) resistive material, which offers better stability and lower noise compared to carbon-based potentiometers. * **Linear Taper**: This part provides a linear change in resistance relative to the rotation of the adjustment screw. --- ## 4. Typical Applications This part is commonly used in circuits that require one-time or infrequent calibration, such as: * **LCD Contrast Adjustment**: Setting the bias voltage for displays. * **Sensor Calibration**: Adjusting the gain or offset of an analog sensor signal. * **Power Supplies**: Fine-tuning the output voltage of a DC-DC converter. * **Communication Equipment**: Adjusting RF frequency stages or signal levels. ---
    ✨ Follow-up Questions
    • ⤷ What are the mechanical dimensions and footprint for the PVG3A series?
    • ⤷ How does the power rating derate as the temperature increases above 70°C?
    • ⤷ Is there a multi-turn version of this potentiometer for higher precision?