PW10-R10
AI

The **PW10-R10** is a high-precision, single-point load cell manufactured by **HBM (Hottinger Brüel & Kjaer)**. It is primarily used in industrial weighing applications such as platform scales, belt scales, and filling systems.
Below is a breakdown of its electronic and technical components.
---
## 1. Core Electronic Specifications
The PW10-R10 operates on the principle of **strain gauge technology**. When a load is applied, the internal resistance changes, which is then converted into an electrical signal.
| Parameter | Specification |
| :--- | :--- |
| **Rated Capacity ($E_{max}$)** | 10 kg (indicated by the "10" in the model name) |
| **Accuracy Class** | C3 (OIML R60 standard) |
| **Sensitivity ($C_n$)** | 2.0 mV/V ± 0.1% |
| **Input Resistance ($R_{LC}$)** | 350 $\Omega$ to 480 $\Omega$ |
| **Output Resistance ($R_o$)** | 350 $\Omega$ ± 10% |
| **Excitation Voltage** | 5V to 15V (Recommended) |
| **Insulation Resistance** | > 5 G$\Omega$ |
---
## 2. Internal Components & Construction
### A. Strain Gauge Bridge
The heart of the PW10-R10 is a **Wheatstone Bridge** circuit.
* **Function:** Four strain gauges are bonded to the measuring body. As the body deforms under weight, the gauges stretch or compress, changing their electrical resistance.
* **Temperature Compensation:** The unit includes internal resistors to compensate for "Zero Point" and "Span" shifts caused by temperature fluctuations.
### B. The Measuring Body
* **Material:** High-strength Aluminum.
* **Design:** It features a "Parallel-Beam" geometry. This allows the sensor to compensate for off-center loads (eccentricity), meaning the weight reading remains accurate even if the object is not placed perfectly in the center of the scale platform.
### C. Protection & Sealing
* **IP Rating:** IP67.
* **Electronics Protection:** The strain gauges are encapsulated with a special potting compound or silicone rubber to protect the delicate circuitry from moisture and dust.
---
## 3. Wiring and Connection
The PW10-R10 typically uses a **6-wire configuration**. This is superior to 4-wire systems because it includes "Sense" lines to compensate for voltage drops over long cable lengths.
| Wire Color | Function | Description |
| :--- | :--- | :--- |
| **Blue** | Excitation (+) | Positive power supply |
| **Black** | Excitation (-) | Negative power supply (Ground) |
| **Green** | Signal (+) | Positive measurement output |
| **White** | Signal (-) | Negative measurement output |
| **Grey** | Sense (+) | Feedback for voltage regulation |
| **Pink** | Sense (-) | Feedback for voltage regulation |
| **Yellow** | Shield | Connected to the housing for EMI protection |
---
## 4. Key Electronic Features
1. **High Sensitivity:** With a 2.0 mV/V output, it provides a strong enough signal to be easily processed by standard ADCs (Analog-to-Digital Converters) like the HX711 or industrial weight indicators.
2. **Low Hysteresis:** The electronic design ensures that the reading returns to zero accurately after the load is removed.
3. **EMI/RFI Shielding:** The 6-wire cable is shielded to prevent electrical noise from motors or radio frequencies from interfering with the millivolt signal.
- ⤷
How do I calibrate a PW10-R10 load cell using an Arduino?
- ⤷ What is the difference between a 4-wire and 6-wire load cell connection?
- ⤷ What are the maximum platform dimensions supported by the PW10-R10?