전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • PW10WW-R100

  • AI
    The **PW10WW-R100** is a specific type of high-power wirewound resistor. These components are designed to dissipate significant amounts of heat and are typically used in power supplies, motor controllers, and industrial equipment. ### 1. Part Number Breakdown While naming conventions can vary slightly by manufacturer (often associated with brands like RCD Components), the code generally breaks down as follows: | Component Code | Meaning | Description | | :--- | :--- | :--- | | **PW** | Power Wirewound | Indicates the construction type (wire wound around a ceramic core). | | **10** | 10 Watts | The power rating of the resistor at standard ambient temperature. | | **WW** | Vertical Mount | Often indicates a specific physical style (e.g., vertical "boat" or radial leads). | | **R100** | 0.100 Ohms | The resistance value ($R$ acts as a decimal point). | --- ### 2. Key Technical Specifications Below are the typical electronic characteristics for this part: * **Resistance:** 0.1 $\Omega$ (very low resistance, used for current sensing or shunting). * **Power Rating:** 10 Watts (Requires adequate airflow or spacing to prevent overheating). * **Tolerance:** Typically ±5% or ±10%, though precision versions exist. * **Construction:** * **Core:** High-grade ceramic for thermal stability. * **Element:** Resistive alloy wire (such as Nichrome). * **Encapsulation:** Ceramic "casket" or flameproof coating to withstand high temperatures. --- ### 3. Electronic Functions Because this is a low-resistance, high-power part, it is usually found in the following circuit roles: 1. **Current Sensing:** Placed in series with a load. By measuring the small voltage drop across the $0.1 \Omega$ resistance, a controller can calculate the current ($I = V/R$). 2. **Inrush Current Limiting:** Used to protect sensitive components from a surge of electricity when a device is first turned on. 3. **Bleeder Resistor:** Used in large power supply filters to safely discharge capacitors when power is removed. 4. **Voltage Dropping:** Reducing voltage for specific high-power sub-circuits. --- ### 4. Comparison with Standard Resistors | Feature | Standard Carbon Resistor | PW10WW-R100 | | :--- | :--- | :--- | | **Power Handling** | 0.25W - 0.5W | 10W | | **Heat Resistance** | Low | High (Up to 275°C) | | **Size** | Small (Millimeters) | Large (Rectangular block) | | **Inductance** | Low | Higher (due to wire coils) |
    ✨ Follow-up Questions
    • ⤷ What are the physical dimensions of a 10W wirewound resistor?
    • ⤷ How does the 'inductance' of a wirewound resistor affect AC circuits?
    • ⤷ Can this resistor be mounted directly onto a PCB without heat sinks?