전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • PWH1025-R10

  • AI
    The **PWH1025-R10** is an industrial-grade, ultra-high current power inductor typically used in DC-DC converters, high-current power supplies, and VRM (Voltage Regulator Module) applications. It belongs to the molded power inductor category. --- ### ## Technical Specifications Below are the primary electrical and physical characteristics of the PWH1025-R10: | Parameter | Specification | | :--- | :--- | | **Inductance** | 0.10 µH (R10) | | **Tolerance** | ±20% (M) | | **DC Resistance (DCR)** | ~0.17 mΩ (Nominal) | | **Saturation Current (Isat)** | ~100A - 120A | | **Heating Current (Irms)** | ~50A - 60A | | **Operating Temperature** | -40°C to +125°C | | **Dimensions** | 10.0 x 11.0 x 9.0 mm (approx) | --- ### ### Key Electronic Components & Features 1. **Magnetic Core Material**: It utilizes a **metal alloy powder core**. Unlike traditional ferrite cores, these composite materials offer "soft saturation," meaning the inductance drops gradually rather than abruptly when the current increases. This prevents sudden spikes that could damage circuit components. 2. **Flat Wire Winding**: The "PWH" series often uses flat copper wire instead of round wire. This reduces the **Skin Effect** and lowers DCR, allowing for higher efficiency and better heat dissipation in a smaller footprint. 3. **Magnetic Shielding**: The part is molded with a magnetic metal powder that encapsulates the coil. This provides excellent **Electromagnetic Interference (EMI)** shielding, preventing the inductor from interfering with nearby sensitive components. 4. **Low DCR (DC Resistance)**: The "R10" (0.10 µH) value is extremely low, designed for high-frequency switching. The low resistance minimizes power loss through heat ($P = I^2R$). --- ### ### Applications Due to its high current handling and low profile, it is commonly found in: * **Graphics Cards (GPUs):** Providing stable power to high-wattage cores. * **Server Motherboards:** Used in multi-phase VRMs. * **ASIC Miners:** For high-efficiency power conversion. * **Automotive Electronics:** Infotainment and ADAS power rails. --- ### ### Typical Circuit Implementation In a Buck Converter, the PWH1025-R10 acts as the energy storage element: ```python # Simplified Logic of Inductor Selection Efficiency = (V_out * I_out) / (V_in * I_in) # Lower DCR (like in R10) leads to higher efficiency # at high current loads (100A+). ```
    ✨ Follow-up Questions
    • ⤷What is the difference between Isat and Irms for this inductor?
    • ⤷ Can this inductor be used in high-frequency switching above 2MHz?
    • ⤷ What are the recommended soldering pad dimensions for the 1025 package?