전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • PWHM1010-R10

  • AI
    The **PWHM1010-R10** is a high-current, surface-mount (SMD) power inductor commonly used in DC-DC converters and high-frequency power supplies. Below is a detailed breakdown of its electronic characteristics and specifications. ### 1. Technical Specifications The part number typically follows a standard nomenclature for high-current molded inductors. | Parameter | Specification | Description | | :--- | :--- | :--- | | **Inductance** | 0.10 µH (R10) | Low inductance for high-frequency switching. | | **Tolerance** | ±20% (M) | Standard tolerance for power inductors. | | **Package Size** | 10.0 x 10.0 mm | Approximate footprint size. | | **Current Rating (Isat)** | ~40A - 60A | Saturation current depends on the specific manufacturer (e.g., Cyntec or Bourns). | | **DC Resistance (DCR)** | Very Low (< 1.0 mΩ) | Minimizes power loss and heat generation. | | **Operating Temp** | -40°C to +125°C | Standard industrial/automotive range. | --- ### 2. Key Internal Components The PWHM1010 series is designed as a **Molded Power Inductor**, which consists of several specialized layers: 1. **Magnetic Core (Iron Powder/Alloy):** The "M" in the construction often refers to a metal powder molding. This material allows for soft saturation (the inductance doesn't drop off instantly as current increases). 2. **Flat Wire Coil:** Unlike standard round wires, these often use flat copper wire. This increases the surface area, reducing the "Skin Effect" at high frequencies and lowering DCR. 3. **Shielding:** The molded body acts as a natural magnetic shield, reducing Electromagnetic Interference (EMI) to surrounding components. --- ### 3. Application Use Cases Because of its very low inductance (0.10µH) and high current capacity, this part is used in: * **VRMs (Voltage Regulator Modules):** Found on PC motherboards and servers to step down high currents for CPUs/GPUs. * **High-Frequency DC-DC Converters:** Ideally suited for switching frequencies above 500 kHz. * **Battery Powered Systems:** Used in high-efficiency mobile or portable equipment where heat dissipation must be minimized. --- ### 4. Comparison with Standard Inductors Compared to traditional ferrite-core inductors, the PWHM1010-R10 offers: * **Higher Current Density:** Smaller footprint for the same amount of current. * **Acoustic Quietness:** The molded construction minimizes "coil whine" caused by magnetostriction. * **Durability:** Better resistance to thermal shock and mechanical vibration.
    ✨ Follow-up Questions
    • ⤷What is the difference between soft saturation and hard saturation in inductors?
    • ⤷ How does flat wire winding improve efficiency in high-current inductors?
    • ⤷ Which manufacturers produce equivalents to the PWHM1010-R10?