전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • PWLL10-R10

  • AI
    The **PWLL10-R10** is a specific model of a **Power Wirewound Resistor** (typically manufactured by companies like RCD Components). It is designed to handle high power loads and provide high stability in demanding circuits. ### 1. Key Technical Specifications Based on the standard nomenclature for this component series: | Parameter | Specification | Details | | :--- | :--- | :--- | | **Type** | Wirewound Resistor | Core wrapped with resistive wire. | | **Power Rating** | 10 Watts | Can dissipate up to 10W of heat. | | **Resistance Value** | 0.10 $\Omega$ (R10) | Low resistance, often used for sensing. | | **Tolerance** | $\pm$5% or $\pm$10% | Common standard for the PWLL series. | | **Body Style** | Ceramic Boat / Radial | Encased in a ceramic rectangular housing. | --- ### 2. Internal Construction The PWLL10-R10 is built to withstand thermal stress and provide durability: * **Resistive Element:** A high-grade alloy wire (like Ni-Chrome) is wound around a ceramic or fiberglass core. * **Encapsulation:** The entire assembly is placed in a **ceramic "boat"** (rectangular box) and filled with a fireproof inorganic silica sand or cement. This provides excellent insulation and moisture protection. * **Termination:** It usually features radial leads (vertical mounting), which helps save PCB space and allows for better airflow around the component. --- ### 3. Applications Due to its 10W power rating and very low 0.10 $\Omega$ resistance, this part is commonly used for: 1. **Current Sensing:** Because the resistance is so low, it can be placed in series with a load to measure current via the voltage drop ($V = I \times R$). 2. **Inrush Current Limiting:** Protecting sensitive circuits from the initial "surge" of electricity when a device is turned on. 3. **Voltage Division:** Used in high-power power supplies to step down voltages. 4. **Load Simulation:** Acting as a "dummy load" for testing power circuits. --- ### 4. Comparison: Wirewound vs. Metal Film | Feature | Wirewound (PWLL10) | Metal Film | | :--- | :--- | :--- | | **Power Handling** | Very High | Low to Medium | | **Heat Dissipation** | Excellent | Poor | | **Inductance** | Moderate (due to coils) | Very Low | | **Best Use** | Power/Current Sensing | Signal Processing |
    ✨ Follow-up Questions
    • ⤷ What is the maximum operating temperature for the PWLL series?
    • ⤷ How do I calculate the voltage drop across a 0.10 ohm resistor at 5 amps?
    • ⤷ Are there non-inductive versions of the PWLL10 available?